Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7230-ATB5R Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM7230-ATB5R
Description  3A STEP-DOWN VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7230-ATB5R Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM7230-ATB5R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7230-ATB5R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7230-ATB5R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7230-ATB5R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7230-ATB5R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7230-ATB5R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7230-ATB5R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7230-ATB5R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM7230-ATB5R Datasheet HTML 11Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Power Management
GM 7230-ADJ
Unregulated
DC Input
+V
IN
1
C
IN
GND 3
5
2
4
D1
L1
R2
R1
Output
Feedback
V
=5.0V
OUT
C
OUT
+
ON/ OFF
+
L
O
A
D
Figure 1(b). Adjustable Output Voltage Versions
V
= V
( 1 +
)
OUT
REF
R2 = R1 (
-1)
where V
= 1.23V, R1 aproximetly 1kW, 1%
REF
R2
R1
V
OUT
V
REF
C
- 470 µF, 50V, Aluminum Electrolytic
IN
C
- 220 µF, 25V, Aluminum Electrolytic
OUT
D1 - 5A, 40V Schottky
L1 - 68 µH,
R1 -
3L Electronic Corp. TC-680M-3A-5026
1k , 1%
V
= 5V, R2 = 3.06k , 1%
OUT
7
A
A
MICROELECTRONICS
GM7230
3A STEP-DOWN VOLTAGE REGULATOR
Power Management


Similar Part No. - GM7230-ATB5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7230-ATB5BT ETC2-GM7230-ATB5BT Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230-ATB5BT GAMMA-GM7230-ATB5BT Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230-ATB5BT GAMMA-GM7230-ATB5BT Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230-ATB5BTG GAMMA-GM7230-ATB5BTG Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7230-ATB5T ETC2-GM7230-ATB5T Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
More results

Similar Description - GM7230-ATB5R

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com