Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR10H125CTBF3T Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GMR10H125CTBF3T
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR10H125CTBF3T Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GMR10H125CTBF3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR10H125CTBF3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR10H125CTBF3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR10H125CTBF3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR10H125CTBF3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GMR10H125CTBF3T Datasheet HTML 6Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
A
A
MICROELECTRONICS
GMR10H125C
Power Discrete
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
ORDERING NUMBER
GM
125
R 10 H
C TA3 T
Gamma Micro.
Voltage Rating
125: 125V
Package
TA3: TO-263-2
TB3: TO-220AB
TBF3: TO-220FPAB
Shipping
T: Tube
R: Tape & Reel
Rectifier
Current Rating
10: 10A
Low V family
f
Dual Cathode Common
TO-263-2 PACKAGE OUTLINE DIMENSIONS
Pad Layout
9.90 ± 0.20
15°
0.40
1.50 DP0.20
9.20 ± 0.20
4.90 ± 0.20
15.3 ± 0.20
1.27 ± 0.10
0.80 ± 0.10
2.54 TYP
(2.54 ± 0.20)
1.4 ± 0.20
4.50 ± 0.20
1.30
+0.1
-0.05
0.10 ± 0.01
2.40 ± 0.20
2.00 ± 0.10
R0.30
R0.30
2.54 ± 0.10
0.50
+0.1
-0.05
4.0
7.0
10.0 ± 0.20
0.40
0.90
7.2
9.20 ± 0.20
4.90 ± 0.20
Unit: mm
10.00 ± 0.20
0.33
8.38
0.63
17.02
0.12
3.05
0.04
1.016
0.24
6.096
0.42
10.66
Inches
mm
(
)
1.20
R 0.45
0.75
R 0.3


Similar Part No. - GMR10H125CTBF3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR10H100C GAMMA-GMR10H100C Datasheet
134Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR10H100C GAMMA-GMR10H100C Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100CTB3R ETC1-GMR10H100CTB3R Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR10H100CTB3R GAMMA-GMR10H100CTB3R Datasheet
134Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - GMR10H125CTBF3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com