Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66102-1.5TC3R Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM66102-1.5TC3R
Description  1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66102-1.5TC3R Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM66102-1.5TC3R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM66102-1.5TC3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66102-1.5TC3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66102-1.5TC3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66102-1.5TC3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66102-1.5TC3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66102-1.5TC3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66102-1.5TC3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66102-1.5TC3R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
Unless otherwise specified: T = 25°C; Bold values are guaranteed across the operating temperature range.
J
Parameter
Conditions
Min
Typ
Max
Unit
Load Regulation
Line Regulation
Output Voltage change with
Temperature Coef. (Note 6)
Ground Current
Ground Pin Current at Dropout I
GNDDO
Current Limit
Output Voltage
(Note2)
I
= 10 mA
O
V
= V
+ 5V, 10mA
I
I
IN
OUT
OUT
FL
DV/ DT
OUT
I = 750mA, V
= V
+ 1V
O
IN
OUT
I = 1.0A
O
-1
-2
0.06
0.20
20
8
22
0.9
2.1
1
2
0.5
1.0
100
20
3.5
%
%
%
ppm/°C
mA
A
%
V
= 0.5V less than specified V
,
IN
OUT
I
= 10mA, (Note 5)
OUT
V
,= 0V (Note 4)
OUT
mA
Output Noise Voltage e , (10Hz to 100Hz)
n
I
= 100mA
O
C = 10µF
L
C = 33
L
µF
400
260
µV (rms)
10mA
I
I
, (V
+ 1V) V
26V
O
FL
OUT
IN
I = 10mA, (
O
V
+ 1V) V
26V
OUT
IN
Note 1: Maximum positive supply voltage of 60V must be of limited duration (<100msec) and duty cycle (
1%).
The maximum continuous supply voltage is 26V.
Note 2: Full Load current (I
) is defined as 1.0A for the GM66102 series.
FL
Note 3: Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value with
V
+ 1V applied to V
OUT
IN
Note 4: V
= V
(nominal) + 1V. For example, use V
= 4.3V for a 3.3V regulator or use 6V for a 5V regulator. Employ pulse-testing
IN
OUT
IN
procedures to minimize temperature rise.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current plus
the ground pin current.
Note 6: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Dropout Voltage
(For 1.50 Version)
(For 1.80 Version)
DV
-1% (Note 3)
=
OUT
I = 100mA
O
I = 750mA
O
I = 1.0A
O
I = 100mA
O
I = 1.0A
O
I = 100mA
O
I = 1.0A
O
80
220
300
200
500
mV
0.6
0.8
V
0.3
0.5
V


Similar Part No. - GM66102-1.5TC3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66102S8RG GAMMA-GM66102S8RG Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66102-1.5TC3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com