Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7230-15TB5R Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM7230-15TB5R
Description  3A STEP-DOWN VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7230-15TB5R Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM7230-15TB5R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7230-15TB5R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7230-15TB5R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7230-15TB5R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7230-15TB5R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7230-15TB5R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7230-15TB5R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7230-15TB5R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7230-15TB5R Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TEST CIRCUIT AND LAYOUT GUIDELINES
Careful layout is important with any switching regulator. Rapidly switching currents associated with wiring
inductance generate voltage transients which can cause problems. To minimize inductance and ground loops,
the lengths of the leads indicated by heavy lines in Figure 1 below should be kept as short as possible. Single-
point grounding (as indicated in Figure 1) or ground plane construction should be used for best results. When
using the Adjustable version, place the programming resistors as close as possible to Gm7230, to keep the
sensitive feedback wiring short.
V
IN
Unregulated
DC Input
+V
IN
1
+
C
IN
GND 3
5
2
Output
4
Feedback
L1
D1
C
OUT
V
OUT
GM 7230-
FIXED OUTPUT
+
ON/OFF
Figure 1(a). Fixed Output Voltage Versions
C
- 470 µF, 50V, Aluminum Electrolytic
IN
C
- 220 µF, 25V, Aluminum Electrolytic
T
OU
D1 - 5A, 40V Schottky
L1 - 68 µH, 3L Electronic Corp. TC-680M-3A-5026
6
I
Current
meter
K1
A
A
MICROELECTRONICS
GM7230
3A STEP-DOWN VOLTAGE REGULATOR
Power Management


Similar Part No. - GM7230-15TB5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7230-15TB5BT ETC2-GM7230-15TB5BT Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
GM7230-15TB5T ETC2-GM7230-15TB5T Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
More results

Similar Description - GM7230-15TB5R

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com