Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7818-TA3R Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM7818-TA3R
Description  POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7818-TA3R Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM7818-TA3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7818-TA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7818-TA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7818-TA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7818-TA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7818-TA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7818-TA3R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM7818-TA3R Datasheet HTML 11Page - Gamma Microelectronics Inc. GM7818-TA3R Datasheet HTML 12Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ELECTRICAL CHARACTERISTICS at specified Junction Temperature
GM7824: V =33V, I =500mA, (unless otherwise noted)
IO
CHARACTERISTICS
TEST CONDITIONS *
MIN
TYP
MAX
UNIT
Output Voltage **
23
24
18
12
66
0.028
150
2.1
-1.5
25
480
480
1.0
22.8
24
6
4
25.2
240
240
0.5
I = 5mA to 1A
O
V =27V to 38V, P
15W
I
V =27V to 38V
I
I =5mA to 1.5A
O
V = 27V to 38V
I
V =28V to 32V, f = 120Hz
I
f = 1kHz
I = 5mA
O
25°C
25°C
25°C
0°C to 125°C
V
mV
mV
mA
dB
W
Input Regulation
Output Regulation
Bias Current Change
V =30V to 36V
I
I =250mA to 750mA
O
I =5mA to 1A
O
Ripple Rejection
Output Resistance
Short-Circuit Output Current
Peak Output Current
Temperature Coefficient
Output Voltage
0°C to 125°C
0°C to 125°C
25°C
25°C
0°C to 125°C
50
mV/°C
170
2.0
4.6
f = 10Hz to 100kHz
µV
V
mA
Output Noise Voltage
Dropout Voltage
Bias Current
25°C
25°C
25°C
I = 1A
O
8
0°C to 125°C
mA
A
*Pulse testing tehniques are used to maintain the junction temperature as close to the ambient temperature as possible.
Thermal effects must be taken into account.
** The specification applies only for DC power dissipation permitted by absolute maximum ratings
GM7827: V =36V, I =500mA, (unless otherwise noted)
IO
CHARACTERISTICS
TEST CONDITIONS *
MIN
TYP
MAX
UNIT
Output Voltage **
25.9
27
25
20
64
0.030
120
2.1
-1.6
28.1
540
540
1.0
25.7
27
10
9
28.3
270
270
0.5
I = 5mA to 1A
O
V =30V to 40V, P
15W
I
V =30V to 40V
I
I =5mA to 1.5A
O
V = 30V to 40V
I
V =30V to 40V, f = 120Hz
I
f = 1kHz
I = 5mA
O
25°C
25°C
25°C
0°C to 125°C
V
mV
mV
mA
dB
W
Input Regulation
Output Regulation
Bias Current Change
V =33V to 39V
I
I =250mA to 750mA
O
I =5mA to 1A
O
Ripple Rejection
Output Resistance
Short-Circuit Output Current
Peak Output Current
Temperature Coefficient
Output Voltage
0°C to 125°C
0°C to 125°C
25°C
25°C
0°C to 125°C
50
mV/°C
200
2.0
4.8
f = 10Hz to 100kHz
µV
V
mA
Output Noise Voltage
Dropout Voltage
Bias Current
25°C
25°C
25°C
I = 1A
O
8
0°C to 125°C
mA
A
9


Similar Part No. - GM7818-TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM7800TA3R GAMMA-GM7800TA3R Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7800TA3RG GAMMA-GM7800TA3RG Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7800TA3T GAMMA-GM7800TA3T Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7800TA3TG GAMMA-GM7800TA3TG Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM7818-TA3R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com