Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM78L10S8RL Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM78L10S8RL
Description  POSITIVE VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM78L10S8RL Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM78L10S8RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM78L10S8RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM78L10S8RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM78L10S8RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM78L10S8RL Datasheet HTML 9Page - Gamma Microelectronics Inc. GM78L10S8RL Datasheet HTML 10Page - Gamma Microelectronics Inc. GM78L10S8RL Datasheet HTML 11Page - Gamma Microelectronics Inc. GM78L10S8RL Datasheet HTML 12Page - Gamma Microelectronics Inc. GM78L10S8RL Datasheet HTML 13Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
TO-92 PACKAGE OUTLINE DIMENSIONS
4.6 ± 0.1
4.6 ± 0.1
2.3
3 - 0.46
1.45 ± 0.1
14.5 ± 0.5
1.27 1.27
3.6 ± 0.15
0.38 ± 0.015
3.6 ± 0.15
1.3 ± 0.1
Unit: mm
0.275
7.0
0.155
4.0
0.060
1.52
0.050
1.270
0.024
0.6
Inches
mm
(
)
Pad Layout
SOP-8 PACKAGE OUTLINE DIMENSIONS
0.236 ± 0.008
0.050 NOM
1.270 NOM
+0.21
-0.20
5.990
3.91 ± 0.1
+0.003
-0.004
0.154
PIN INDENT
1.600 ± 0.130
0.063
± 0.005
0.057 NOM
1.450 NOM
0.175 ± 0.075
0.007
± 0.003
+0.004
-0.003
0.016
+0.10
-0.08
0.410
+0.0018
-0.0005
0.008
+0.05
-0.01
0.200
+0.013
-0.022
0.028
+0.33
-0.56
0.710
+0.002
-0.004
0.191
+0.05
-0.10
4.850
Inches
mm
(
)
0 ~ 8°
°


Similar Part No. - GM78L10S8RL

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM78L10 GTM-GM78L10 Datasheet
315Kb / 6P
   POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L10-S8 ETC1-GM78L10-S8 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L10-ST89 ETC1-GM78L10-ST89 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L10-T92 ETC1-GM78L10-T92 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GM78L10S8RL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com