Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7641 Datasheet(PDF) 8 Page - EPCOS

Part # B7641
Description  SAW Duplexer 1950.0 / 2140.0 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7641 Datasheet(HTML) 8 Page - EPCOS

Back Button B7641 Datasheet HTML 3Page - EPCOS B7641 Datasheet HTML 4Page - EPCOS B7641 Datasheet HTML 5Page - EPCOS B7641 Datasheet HTML 6Page - EPCOS B7641 Datasheet HTML 7Page - EPCOS B7641 Datasheet HTML 8Page - EPCOS B7641 Datasheet HTML 9Page - EPCOS B7641 Datasheet HTML 10Page - EPCOS B7641 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
March 17, 2006
B7641
1950.0 / 2140.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Transfer function ANT - RX
Transfer function ANT - RX (wideband)


Similar Part No. - B7641

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
B764 SANYO-B764 Datasheet
40Kb / 4P
   Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
EPCOS
B7640 EPCOS-B7640 Datasheet
158Kb / 12P
   SAW duplexer
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
   SAW Duplexer 1950 / 2140 MHz
B7646 EPCOS-B7646 Datasheet
119Kb / 11P
   SAW Components
More results

Similar Description - B7641

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
   SAW Filter 2140.0 MHz
B9414 EPCOS-B9414 Datasheet
76Kb / 8P
   SAW Filter 1950.0 MHz
B7849 EPCOS-B7849 Datasheet
83Kb / 8P
   SAW Filter 2140.0 MHz
logo
Oscilent Corporation
802-RF2140.0M-A OSCILENT-802-RF2140.0M-A Datasheet
173Kb / 2P
   2140.0 MHz RF SAW Filter
logo
TriQuint Semiconductor
856908 TRIQUINT-856908_15 Datasheet
931Kb / 8P
   836.5/881.5 MHz SAW Duplexer
logo
Murata Manufacturing Co...
SF1223D MURATA-SF1223D Datasheet
454Kb / 6P
   800/842 MHz SAW Duplexer
SF1222D MURATA-SF1222D Datasheet
170Kb / 3P
   2010/2190 MHz SAW Duplexer
logo
RF Monolithics, Inc
SF1222D RFM-SF1222D Datasheet
170Kb / 3P
   2010/2190 MHz SAW Duplexer
logo
EPCOS
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
   SAW Duplexer 1950 / 2140 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com