Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7641 Datasheet(PDF) 10 Page - EPCOS

Part # B7641
Description  SAW Duplexer 1950.0 / 2140.0 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7641 Datasheet(HTML) 10 Page - EPCOS

Back Button B7641 Datasheet HTML 3Page - EPCOS B7641 Datasheet HTML 4Page - EPCOS B7641 Datasheet HTML 5Page - EPCOS B7641 Datasheet HTML 6Page - EPCOS B7641 Datasheet HTML 7Page - EPCOS B7641 Datasheet HTML 8Page - EPCOS B7641 Datasheet HTML 9Page - EPCOS B7641 Datasheet HTML 10Page - EPCOS B7641 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
March 17, 2006
B7641
1950.0 / 2140.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
References
Type
B7641
Ordering code
B39212B7641P510
Marking and package
C1157-A3-A22
Packaging
F61074-V8211-Z000
Date codes
L_1126
S-parameters
B7641_NB.s3p
B7641_WB.s3p
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2006. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B7641

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
B764 SANYO-B764 Datasheet
40Kb / 4P
   Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
EPCOS
B7640 EPCOS-B7640 Datasheet
158Kb / 12P
   SAW duplexer
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
   SAW Duplexer 1950 / 2140 MHz
B7646 EPCOS-B7646 Datasheet
119Kb / 11P
   SAW Components
More results

Similar Description - B7641

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
   SAW Filter 2140.0 MHz
B9414 EPCOS-B9414 Datasheet
76Kb / 8P
   SAW Filter 1950.0 MHz
B7849 EPCOS-B7849 Datasheet
83Kb / 8P
   SAW Filter 2140.0 MHz
logo
Oscilent Corporation
802-RF2140.0M-A OSCILENT-802-RF2140.0M-A Datasheet
173Kb / 2P
   2140.0 MHz RF SAW Filter
logo
TriQuint Semiconductor
856908 TRIQUINT-856908_15 Datasheet
931Kb / 8P
   836.5/881.5 MHz SAW Duplexer
logo
Murata Manufacturing Co...
SF1223D MURATA-SF1223D Datasheet
454Kb / 6P
   800/842 MHz SAW Duplexer
SF1222D MURATA-SF1222D Datasheet
170Kb / 3P
   2010/2190 MHz SAW Duplexer
logo
RF Monolithics, Inc
SF1222D RFM-SF1222D Datasheet
170Kb / 3P
   2010/2190 MHz SAW Duplexer
logo
EPCOS
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
   SAW Duplexer 1950 / 2140 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com