Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM5510N-4.0ST34R Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GM5510N-4.0ST34R
Description  STANDARD VOLTAGE DETECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM5510N-4.0ST34R Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GM5510N-4.0ST34R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM5510N-4.0ST34R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM5510N-4.0ST34R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM5510N-4.0ST34R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM5510N-4.0ST34R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM5510N-4.0ST34R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM5510N-4.0ST34R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM5510N-4.0ST34R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM5510N-4.0ST34R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ORDERING INFORMATION
Ordering Number
Package
Shipping
GM5510N-1.8ST23R
GM5510 -1.8ST34R
N
GM5510 -1.8ST89R
N
GM5510 -3.0ST23R
N
GM5510 -3.3ST34R
N
GM5510 -3.0ST89R
N
GM5510 -4.0ST23R
N
GM5510 -4.0ST34R
N
GM5510 -4.0ST89R
N
GM5510 -4.2ST23R
N
GM5510 -4.2ST34R
N
GM5510 -4.2ST89R
N
SOT-23
SOT-23
SOT-23
SOT-23
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
GM5510 -2.7ST23R
N
GM5510 -2.0ST23R
N
GM5510 -2.7ST34R
N
GM5510 -2.7ST89R
N
GM5510 -2.0ST34R
N
GM5510 -2.0ST89R
N
GM5510 -3.6ST23R
N
GM5510 -3.6ST34R
N
GM5510 -3.6ST89R
N
GM5510 -4.1ST23R
N
GM5510 -4.1ST34R
N
GM5510 -4.1ST89R
N
SOT-343
SOT-89
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
Output Config.
Detect Voltage
Voltage
Suffix: V
1.8V
1.8V
1.8V
C
2.7V
2.0V
2.7V
2.7V
2.0V
2.0V
K
E
3.0V
3.3V
3.0V
N
3.6V
3.6V
3.6V
T
4.0V
4.0V
4.0V
X
4.1V
4.1V
4.1V
Y
4.2V
4.2V
4.2V
Z
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
SOT-23
SOT-23
SOT-23
SOT-23
SOT-343
SOT-89
SOT-343
SOT-89
SOT-343
SOT-89
SOT-343
SOT-89
SOT-343
SOT-89
SOT-343
SOT-89
SOT-343
SOT-89
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
GM5510 -2.9ST34R
N
GM5510 -2.9ST89R
N
2.9V
2.9V
SOT-343
SOT-89
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
GM5510 -2.9ST23R
N
2.9V
M
3,000 Units/ Tape & Reel
SOT-23
C
K
E
Q
T
X
Y
Z
M
GM5510 -3.3ST89R
N
1,000 Units/ Tape & Reel
3.3V
SOT-89
GM5510 -3.0ST34R
N
3,000 Units/ Tape & Reel
3.0V
SOT-343
N
GM5510 -3.3ST23R
N
3.3V
Q
3,000 Units/ Tape & Reel
SOT-23
3
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
12
V
Output Current
IOUT
50
mA
Output Voltage
CMOS
Nch open drain
Operating Ambient Temperature
Topr
-40 to + 85
°C
Storage Temperature
Tstg
-40 to +125
V
- 0.3 to V
+ 0.3
SS
IN
V
- 0.3 to 12
SS
V
°C
ABSOLUTE MAXIMUM RATINGS (T = 25°C)
A
Power Dissipation
SOT-23
SOT-89
PD
VOUT
150
500
mW
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain
N-ch Open Drain


Similar Part No. - GM5510N-4.0ST34R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510N-4.0ST23R GAMMA-GM5510N-4.0ST23R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510N-4.0ST23RG GAMMA-GM5510N-4.0ST23RG Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510N-4.0ST89R GAMMA-GM5510N-4.0ST89R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510N-4.0ST89RG GAMMA-GM5510N-4.0ST89RG Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
More results

Similar Description - GM5510N-4.0ST34R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Gamma Microelectronics ...
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com