Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7230-3.3TB5BR Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM7230-3.3TB5BR
Description  3A STEP-DOWN VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7230-3.3TB5BR Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM7230-3.3TB5BR Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7230-3.3TB5BR Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7230-3.3TB5BR Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7230-3.3TB5BR Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7230-3.3TB5BR Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7230-3.3TB5BR Datasheet HTML 10Page - Gamma Microelectronics Inc. GM7230-3.3TB5BR Datasheet HTML 11Page - Gamma Microelectronics Inc. GM7230-3.3TB5BR Datasheet HTML 12Page - Gamma Microelectronics Inc. GM7230-3.3TB5BR Datasheet HTML 13Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
TO-220-5 PACKAGE OUTLINE DIMENSIONS
TO-263-5 PACKAGE OUTLINE DIMENSIONS
Pad Layout
9
3.8
1.07
Units: mm
17.5
1.7
9.90
15°
0.40
1.50 DP0.20
9.20
4.90
15.3
0.80
1.70 TYP
(1.70 ± 0.20)
4.50
1.30
0.10
2.40
2.00
R0.30
R0.30
2.54
0.50
4.40
7.0
10.0
0.40
R 0.45
7.2
9.20
4.90
Unit: mm
10.00
4.60
1.20
0.75
8.0
1.75
15.30
R 0.3
1.20
0.90
9.90 ± 0.20
1.50 DP0.20
3.70 ± 0.20
1.30
2.80 ± 0.10
0.50
2.40 ± 0.20
Unit: mm
1.30 ± 0.10
4.50 ± 0.20
8.70
1.70
4.60
+0.1
-0.05
+0.1
-0.05
8.0 ± 0.20
7.0
7.0 ± 0.20
3-R0.2
10.00 ± 0.20
8.40
2 - R 0.3
3.60 ± 0.20
1.2
1.7(TYP)
5-0.8 ± 0.10
9.97 ± 0.20
9.20 ± 0.20
A
A
MICROELECTRONICS
GM7230
3A STEP-DOWN VOLTAGE REGULATOR
Power Management


Similar Part No. - GM7230-3.3TB5BR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7230-3.3TB5BT ETC2-GM7230-3.3TB5BT Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230-3.3TB5BT GAMMA-GM7230-3.3TB5BT Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230-3.3TB5BTG GAMMA-GM7230-3.3TB5BTG Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7230-3.3TB5BR

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com