Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66500-2.5TA3R Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM66500-2.5TA3R
Description  5A ULTRA LOW - DROPOUT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66500-2.5TA3R Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM66500-2.5TA3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66500-2.5TA3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66500-2.5TA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66500-2.5TA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66500-2.5TA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66500-2.5TA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66500-2.5TA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66500-2.5TA3R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66500-2.5TA3R Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
TO-220 PACKAGE OUTLINE DIMENSIONS
TO-220-5 PACKAGE OUTLINE DIMENSIONS
9.90 ± 0.20
3.60 ± 0.20
1.50 DP0.20
3.70 ± 0.20
1.30
2.80 ± 0.10
1.52 ± 0.10
0.80 ± 0.10
2.54 TYP
(2.54 ± 0.20)
0.50
2.40 ± 0.20
Unit: mm
1.30 ± 0.10
4.50 ± 0.20
8.70
1.70
4.60
1.46
1.00
3.00
45°
+0.1
-0.05
+0.1
-0.05
8.0
7.0
7.0
0.9
3-R0.2
10.00 ± 0.20
8.40
1.27 ± 0.10
2 - R 0.3
9.90 ± 0.20
1.50 DP0.20
3.70 ± 0.20
1.30
2.80 ± 0.10
0.50
2.40 ± 0.20
Unit: mm
1.30 ± 0.10
4.50 ± 0.20
8.70
1.70
4.60
+0.1
-0.05
+0.1
-0.05
8.0 ± 0.20
7.0
7.0 ± 0.20
3-R0.2
10.00 ± 0.20
8.40
2 - R 0.3
3.60 ± 0.20
1.2
1.7(TYP)
5-0.8 ± 0.10
9.97 ± 0.20
9.20 ± 0.20
A
A
MICROELECTRONICS
GM66500 SERIES
5A ULTRA LOW - DROPOUT REGULATOR
Power Management


Similar Part No. - GM66500-2.5TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6655 GAMMA-GM6655 Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-1.8ST25RG GAMMA-GM6655-1.8ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.0ST25RG GAMMA-GM6655-2.0ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.5ST25RG GAMMA-GM6655-2.5ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.7ST25RG GAMMA-GM6655-2.7ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
More results

Similar Description - GM66500-2.5TA3R

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8955 A-POWER-APE8955 Datasheet
541Kb / 8P
   5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7585 ETC1-AMC7585 Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
logo
ADDtek Corp
AMC7585 ADDTEK-AMC7585 Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5950 ANPEC-APL5950 Datasheet
385Kb / 22P
   5A, Ultra Low Dropout (0.15V Typical) Linear Regulator
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com