Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1431AST89T Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM1431AST89T
Description  ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1431AST89T Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM1431AST89T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 12Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 13Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Design Guide for AC-DCSMPS (Switching Mode Power Supply)
Use of Shunt Regulator in Transformer Secondary Side Control
This example is applicable to both forward transformers and flyback transformers. A shunt regulator is used on the secondary
side as an error amplifier, and feedback to the primary side is provided via a photocoupler.
Dc characteristic determination: In figure 16, R1
and R are protection resistor for the light emitting
2
diode in the photocoupler, and R
is a bypass
2
resistor to feed I
Minimum, and these are
K
determined as shown below. The photocoupler
specification should be obtained separately from the
manufacturer. Using the parameters in figure 16, the
following formulas are obtained:
V
Is the GM1431 operating voltage, and is set at
K
around 3V, taking into account a margin for
fluctuation. R is the current shunt resistance for the
2
light emitting diode, in which a bias current I
of
B
around 1/5 I flows.
F
Next, the output voltage can be determined by R3
and R , and the following formula is obtained:
4
The absolute values of R and R are determined by
34
the GM1431 reference input current I
and the AC
ref
characteristics described in the next section. The Iref
value is around 1.3µA Typ.
Determination of External Costants for the Shunt Regulator
R1 =
, R 2 =
V
- V - V
OF
K
I +I
FB
VF
IB
V
=
X V
, V
=2 .5 V Typ
O
ref
erf
R3 +R4
R4
GM384X
GM38C4X
Transformer
Phototransistor
Photocoupler
Light
emitting diode
VF
R1
R2
R3
R4
R5
C1
VK
IF
IB
REF
GND
VO
(+)
(-)
Output
Vref
Figure 16. Typical Shunt Regulator/ Error Amplifier
SBD
GM1431
A
A
MICROELECTRONICS
GM1431
ADJUSTABLE SHUNT REGULATOR
Power Management


Similar Part No. - GM1431AST89T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1431AST89R ETC-GM1431AST89R Datasheet
300Kb / 13P
   Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
More results

Similar Description - GM1431AST89T

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com