Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1431AST89T Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM1431AST89T
Description  ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1431AST89T Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM1431AST89T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1431AST89T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
These are stress ratings only. Functional operation of the device at these or any conditions beyond the "recommended
operating conditions" is not implied. Exposure to absolute maximum rated conditions may affect device reliability.
NOTES:
1. Voltage values are with respect to the anode except as noted.
2. Maximum power dissipation is a function of T
, q
and T . Maximum allowable power dissipation at any allowable ambient temperature is
J(max)
JA
A
P = (T
-
D
J(max)
3. Package thermal impedance is calculated per JESD 51.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
VALUE
UNIT
37
V
Continuous cathode current
IK
-100 to 150
mA
Reference input current range
Iref
-50µA to 10mA
mA
Power dissipation at T = 25°C
A
SOT-23
SOP-8
TO-92
SOT-89
Operating ambient temperature range
TA
0 to 70
°C
TJ
Lead temperature (soldering) 10 seconds
TLEAD
260
PD
0.23
0.60
0.78
0.80
W
qJA
336
132
163
132
°C/W
°C
(1)
Cathode Voltage
Package thermal impedance
(2, 3)
SOT-23
TO-92
SOP-8
SOT-89
VKA
PARAMETER
SYMBOL
MINIMUM
MAXIMUM
UNIT
Cathode Voltage
VKA
Vref
36
V
Cathode Current
IK
1.0
100
mA
ABSOLUTE MAXIMUM RATINGS (over free-air temperature range except as noted)
A
A
MICROELECTRONICS
GM1431
ADJUSTABLE SHUNT REGULATOR
Power Management


Similar Part No. - GM1431AST89T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1431AST89R ETC-GM1431AST89R Datasheet
300Kb / 13P
   Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
More results

Similar Description - GM1431AST89T

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com