Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7110-12TC5T Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM7110-12TC5T
Description  1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7110-12TC5T Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM7110-12TC5T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7110-12TC5T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7110-12TC5T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7110-12TC5T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7110-12TC5T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7110-12TC5T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7110-12TC5T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7110-12TC5T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7110-12TC5T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
5V, 12V, 15V and a versatile Adjustable output
a minimum number of external components.
frequency
oscillator.
GM7110
high-efficiency
replacement for popular three-terminal linear regulators,
and is requiring a smaller heat sink or even no heat sink.
GM7110 performs well with standard
inductors from
several manufacturers, and simplifying the design of
switch-mode power supplies. GM7110 guarantees ±4%
tolerance on output voltage within specified input voltages
protection under fault conditions.
TYPICAL APPLICATION
Features
3.3V, 5V, 12V, 15V and
Adjustable version output voltage range
1A output current
Requires Only 4 External Components
High Efficiency
TTL shutdown capability and low power
standby mode
Thermal shutdown, current limit protection
Uses standard inductors
52 kHz fixed frequency internal oscillator
7V - 40V
Unregulated
DC Input
+
C
IN
100 µF
+V
IN
1
5
3
4
2
GND
D1
1N5819
Output
330 µH
L1
Feedback
C
OUT
330 µF
5.0V, 1A
Regulated
Output
+
ON / OFF
GM7110-5.0
Application
Pre-regulator for linear regulators
High-efficiency step-down buck regulator
On-card/ board switching regulators
Positive to negative converter (buck-boost
)
www.gammamicro.com
1
A
A
MICROELECTRONICS
GM7110
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
Power Management
GM7110 of regulators provides all the active functions
for a step- down (buck) switching regulator, and drives
1A load with excellent line and load regulation.
GM7110 is available in fixed output volt ages of 3.3V,
version. These regulators are simple to use and require
Features include internal frequency compensation and
a fixed-
and output load conditions, and ±10% on the oscillator
frequency.
External
shutdown
is
included
with
50
uA(typical)
standby current. The output switch has cycle-by-cycle
current limiting as well as thermal shutdown for full
1.23V to 37V ±4% max over line and load
conditions
Adjustable output
versions


Similar Part No. - GM7110-12TC5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7110-12TA5R ETC-GM7110-12TA5R Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7110-12TA5T ETC-GM7110-12TA5T Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7110-12TB5BT ETC-GM7110-12TB5BT Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7110-12TB5T ETC-GM7110-12TB5T Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results

Similar Description - GM7110-12TC5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com