Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6605-5.0TC3T Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GM6605-5.0TC3T
Description  5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6605-5.0TC3T Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GM6605-5.0TC3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6605-5.0TC3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6605-5.0TC3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6605-5.0TC3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6605-5.0TC3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6605-5.0TC3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6605-5.0TC3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6605-5.0TC3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6605-5.0TC3T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PARAMETER
SYMBOL
VALUE
UNIT
Internally limited
W
V
IN
15
V
T
LEAD
T
J
+150
300
°C
°C
°C
P
D
BLOCK DIAGRAM
Input Voltage
Operating Junction Temperature Range
Power Dissipation
Junction Temperature
Lead Temperature(Soldering, 10sec)
VIN
VOUT
GND
Thermal
Shutdown
Bandgap
Reference
Output
Current
Limit
Error
Amplifier
+
-
ABSOLUTE MAXIMUM RATINGS
VIN
VOUT
ADJ
Thermal
Shutdown
Bandgap
Reference
Output
Current
Limit
Error
Amplifier
+
-
T
STG
-65 to + 150
°C
Storage Temperature Range
T
J
0 to + 125
(Fixed Version)
(Adjustable Version)


Similar Part No. - GM6605-5.0TC3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6605-5.0TC3T GAMMA-GM6605-5.0TC3T Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
GM6605-5.0TC3TG GAMMA-GM6605-5.0TC3TG Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6605-5.0TC3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com