Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66102-3.3ST3T Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM66102-3.3ST3T
Description  1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66102-3.3ST3T Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM66102-3.3ST3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66102-3.3ST3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66102-3.3ST3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66102-3.3ST3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66102-3.3ST3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66102-3.3ST3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66102-3.3ST3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66102-3.3ST3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66102-3.3ST3T Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
TO-220 PACKAGE OUTLINE DIMENSIONS
9.90 ± 0.20
3.60 ± 0.20
1.50 DP0.20
3.70 ± 0.20
1.30
2.80 ± 0.10
1.52 ± 0.10
0.80 ± 0.10
2.54 TYP
(2.54 ± 0.20)
0.50
2.40 ± 0.20
Unit: mm
1.30 ± 0.10
4.50 ± 0.20
8.70
1.70
4.60
1.46
1.00
3.00
45°
+0.1
-0.05
+0.1
-0.05
8.0
7.0
7.0
0.9
3-R0.2
10.00 ± 0.20
8.40
1.27 ± 0.10
2 - R 0.3
SOT- 223 PACKAGE OUTLINE DIMENSIONS
0~10°
Pad Layout
0.059
1.5
0.059
1.5
0.059
1.5
0.248
6.3
0.091
2.3
0.091
2.3
0.079
2.0
0.079
2.0
Inches
mm
0.15
3.8
Unit: mm
3.0 ± 0.05
7.0 ± 0.15
1.75 ± 0.10
3.5 ± 0.10
0.70 ± 0.05
2.30TYP
4.6 ± 0.1
0.95TYP
0~0.075
0.3 ± 0.05
0.65 ± 0.10
1.80max
0.60
1.75 ± 0.10
0.06 ± 0.04
6.50 ± 0.10
1.6 ± 0.10
0.84
0.46
13°
13°


Similar Part No. - GM66102-3.3ST3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66102S8RG GAMMA-GM66102S8RG Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66102-3.3ST3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com