Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM663022.5TA3R Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM663022.5TA3R
Description  3A ULTRA LOW-DROPOUT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM663022.5TA3R Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM663022.5TA3R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM663022.5TA3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM663022.5TA3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM663022.5TA3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM663022.5TA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM663022.5TA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM663022.5TA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM663022.5TA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM663022.5TA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
MARKING INFORMATION & PIN CONFIGURATIONS
ORDERING INFORMATION
Package
Shipping
Ordering Number
Output Voltage
TO-263-2
TO-263-2
TO-263-5
TO-263-5
TO-263-5
TO-220
TO-220
TO-220-5
TO-220-5
TO-220-5
TO-263-2
TO-263-2
TO-263-5
TO-263-5
TO-263-5
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
GM66300-1.8TA3T
GM66300-2.5TA3T
GM66301-1.8TA5T
GM66302TA5T
GM66301-2.5TA5T
GM66300-1.8TB3T
GM66300-2.5TB3T
GM66301-1.8TB5T
GM66302TB5T
GM66301-2.5TB5T
GM66300-1.8TA3R
GM66300-2.5TA3R
GM66301-1.8TA5R
GM66302TA5R
GM66301-2.5TA5R
1.8V
2.5V
1.8V
Adj
Adj
Adj
2.5V
1.8V
2.5V
1.8V
2.5V
1.8V
2.5V
1.8V
2.5V
GM66300
GM66301
GM66302
TO-220
V
IN
GND
V
OUT
GM66300
VVAYWW
TO-220- 5
GM66301
VVAYWW
V V
= Output Voltage
(18=1.8V , 25=2.5V)
A
= Assembly Location
Y
= Year
W W
= Weekly
EN
VIN
GND
VOUT
FLG
EN
VIN
GND
VOUT
FLG
2
TO-263-2 (D PAK)
GM66300
VVAYWW
V
IN
GND
V
OUT
2
TO-263-5(D PAK)
GM66301
VVAYWW
* For detail Ordering Number identification, please see last page.
Pinout On all devices, the Tab is grounded.
GM66300/ Three Terminal
Pin 1 = Input, 2 = Ground, 3 = Output
GM66301/ Five Terminal (Fixed Voltage Devices)
Pin 1 = Enable, 2 = Input, 3 = Ground,
4 = Output, 5 = Flag
GM66302/ Adjustable with ON/ OFF Control
Pin 1 = Enable, 2 = Input, 3 = Ground,
4 = Output, 5 = Adjust
EN
VIN
GND
VOUT
2
TO-263-5(D PAK)
GM66302
AYWW
Adj
TO-220- 5
GM66302
AYWW
EN
VIN
GND
VOUT
Adj


Similar Part No. - GM663022.5TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66302TA5R GAMMA-GM66302TA5R Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66302TA5RG GAMMA-GM66302TA5RG Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66302TA5T GAMMA-GM66302TA5T Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66302TA5TG GAMMA-GM66302TA5TG Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66302TB5T GAMMA-GM66302TB5T Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM663022.5TA3R

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
logo
Alpha & Omega Semicondu...
AOZ2003 AOSMD-AOZ2003 Datasheet
1Mb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
   3A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8973 A-POWER-APE8973_14 Datasheet
354Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_16 Datasheet
115Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com