Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA2520GP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA2520GP
Description  Stereo filter and codec for MPEG layer 1 audio applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2520GP Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA2520GP Datasheet HTML 1Page - NXP Semiconductors SAA2520GP Datasheet HTML 2Page - NXP Semiconductors SAA2520GP Datasheet HTML 3Page - NXP Semiconductors SAA2520GP Datasheet HTML 4Page - NXP Semiconductors SAA2520GP Datasheet HTML 5Page - NXP Semiconductors SAA2520GP Datasheet HTML 6Page - NXP Semiconductors SAA2520GP Datasheet HTML 7Page - NXP Semiconductors SAA2520GP Datasheet HTML 8Page - NXP Semiconductors SAA2520GP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
August 1993
4
Philips Semiconductors
Preliminary specification
Stereo filter and codec for MPEG layer 1
audio applications
SAA2520
PINNING
SYMBOL
PIN
DESCRIPTION
TYPE
FS256
1
(Filtered)-I2S clock; 256
× sample frequency. 12 mA 3-state output + CMOS
input with pull-down
I/O
MUTEDAC
2
DAC control/output expander
O
DEEMDAC
3
DAC control/output expander
O
ATTDAC
4
DAC control/output expander
O
VSS
5
supply ground (0 V)
URDA
6
unreliable drive processing data; CMOS level
I
SBDIR
7
sub-band I2S direction: (SWBS, SBCL, SBDA); CMOS level
I
SBDA
8
sub-band I2S data; 4 mA, 3-state output + CMOS input with pull-down
I/O
SBCL
9
sub-band I2S bit clock; 4 mA, 3-state output + CMOS input with pull-down
I/O
SBWS
10
sub-band I2S word select; 4 mA, 3-state output + CMOS input with pull-down
I/O
SBEF
11
sub-band I2S byte error flag; CMOS level
I
SBMCLK
12
sub-band I2S clock, 6.144 MHz locked to FS256; 8 mA, 3-state output + CMOS
input with pull-down
O
SYNCDAI
13
DAI synchronization pulse
O
FDIR
14
(Filtered)-I2S direction: (FDAC, FDAF, SDA);
O
FRESET
15
reset signal for SAA2521
O
FSYNC
16
Filtered-I2S sync signal for SAA2521
O
FDAF
17
Filtered-I2S sub-band filter data; 4 mA, 3-state output + CMOS input with
pull-down
I/O
FDAC
18
Filtered-I2S sub-band codec data; 4 mA, 3-state output + CMOS input with
pull-down
I/O
SCL
19
I2S bit clock; 4 mA, 3-state output + CMOS input with pull-down
I/O
SWS
20
I2S-word select; 4 mA, 3-state output + CMOS input with pull-down
I/O
SDA
21
I2S baseband data filter; 4 mA, 3-state output + CMOS input with pull-down
I/O
PWRDWN
22
power-down mode; CMOS level
I
DSC4
23
test pin
DSC3
24
test pin
DSC2
25
test pin
DSC1
26
test pin
DSC0
27
test pin
VDD
28
positive supply voltage (+5 V)
RESET
29
system reset; CMOS level with pull-down and hysteresis
I
T1
30
test pin; do not connect
T0
31
test pin; do not connect
LTDATA
32
LT interface data; 4 mA, 3-state output + CMOS input with pull-down
I/O
LTCLK
33
LT interface bit clock; CMOS level
I


Similar Part No. - SAA2520GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2521 PHILIPS-SAA2521 Datasheet
108Kb / 28P
   Masking threshold processor for MPEG layer 1 audio compression applications
August 1993
SAA2521GP PHILIPS-SAA2521GP Datasheet
108Kb / 28P
   Masking threshold processor for MPEG layer 1 audio compression applications
August 1993
More results

Similar Description - SAA2520GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2521 PHILIPS-SAA2521 Datasheet
108Kb / 28P
   Masking threshold processor for MPEG layer 1 audio compression applications
August 1993
logo
Wolfson Microelectronic...
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E Datasheet
467Kb / 49P
   MPEG AUDIO CODEC
logo
Wolfson Microelectronic...
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
   Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
   Stereo CODEC for Portable Audio Applications
WM8973L WOLFSON-WM8973L_11 Datasheet
698Kb / 63P
   Stereo CODEC for Portable Audio Applications
WM8971L WOLFSON-WM8971L_05 Datasheet
763Kb / 61P
   Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com