Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR30H150C Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GMR30H150C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR30H150C Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GMR30H150C Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR30H150C Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR30H150C Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR30H150C Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR30H150C Datasheet HTML 5Page - Gamma Microelectronics Inc. GMR30H150C Datasheet HTML 6Page - Gamma Microelectronics Inc. GMR30H150C Datasheet HTML 7Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MARKING INFORMATION
A
: Assembly Location
Y
: Year
WW : Weekly
Ordering Number
Package
Shipping
GMR30H150CTA3T
GMR30H150CTB3T
GMR30H150CTP3T
GMR30H150CTA3R
GMR30H150CTBF3T
GMR30H150CTPF3T
TO - 263-2
TO - 220AB
TO - 263-2
TO - 220FPAB
50 Unit/ Tube
50 Unit/ Tube
30 Unit/ Tube
800 Unit/ Tape & Reel
50 Unit/ Tube
30 Unit/ Tube
2
ORDERING INFORMATION
2
TO-263-2 (D PAK)
30H150C
AYW W
TO - 3P
30H150C
AYW W
TO - 3P
TO - 3PF
* For detail Ordering Number identification, please see last page.
TO - 220AB
30H150C
AYW W
ABSOLUTE RATINGS (T = 25°C)
C
Symbol
Parameter
Value
Unit
VRRM
IF(AV)
IFSM
Repetitive peak reverse voltage
per diode
per device
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load per leg. (Non-Repetitive)
Operating junction temperature and storage temperature
150
15
30
-45 to + 150
V
A
A
°C
T,j Tstg
Maximum average forward rectified current
275
A
A
MICROELECTRONICS
GMR30H150C
Power Discrete
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER


Similar Part No. - GMR30H150C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMR30H100C ETC1-GMR30H100C Datasheet
221Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR30H100C GAMMA-GMR30H100C Datasheet
162Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR30H100CTA3R ETC1-GMR30H100CTA3R Datasheet
221Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR30H100CTA3R GAMMA-GMR30H100CTA3R Datasheet
162Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR30H100CTA3T ETC1-GMR30H100CTA3T Datasheet
221Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - GMR30H150C

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NST320S100C NELLSEMI-NST320S100C Datasheet
300Kb / 5P
   High Performance Schottky Rectifie
logo
Shanghai Shunye Electro...
15SQ045 SHUNYE-15SQ045 Datasheet
400Kb / 2P
   SCHOTTKY RECTIFIE R DIODE
logo
GTM CORPORATION
GB840 GTM-GB840 Datasheet
138Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 8A RECTIFIE
logo
Olitech Electronics Co....
GP02-20 OLITECH-GP02-20 Datasheet
660Kb / 2P
   High Voltage 1.5A Sintered Glass Passivated Rectifie
GP02-20A OLITECH-GP02-20A Datasheet
675Kb / 2P
   High Voltage 1.0A Sintered Glass Passivated Rectifie
logo
Rectron Semiconductor
SPK1245-C-S-A01 RECTRON-SPK1245-C-S-A01 Datasheet
522Kb / 3P
   SCHOTTKY BARRIER SOLAR RECTIFIE VOLTAGE 45 Volts CURRENT 12 Amperes
logo
DIYI Electronic Technol...
SR1545L DYELEC-SR1545L Datasheet
2Mb / 2P
   15 0A Surface Mount Schottky Barrier Rectifie
logo
SMC Diode Solutions Co....
MURS360 SMCDIODE-MURS360 Datasheet
259Kb / 4P
   MURS360 ULTRAFAST RECTIFIE
Rev. C
logo
STMicroelectronics
STPS30H100CT STMICROELECTRONICS-STPS30H100CT Datasheet
66Kb / 5P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS61150CW STMICROELECTRONICS-STPS61150CW Datasheet
54Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com