Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66102-5.0TC3T Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM66102-5.0TC3T
Description  1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66102-5.0TC3T Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM66102-5.0TC3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66102-5.0TC3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66102-5.0TC3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66102-5.0TC3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66102-5.0TC3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66102-5.0TC3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66102-5.0TC3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66102-5.0TC3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66102-5.0TC3T Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
TYPICAL CHARACTERISTICS GM66102
450
400
350
300
250
200
150
100
50
0
0.0
0.5
1.0
1.5
Output Current (A)
Figure 2. GM66102 Dropout Voltage vs.
Output Current
5.0
4.0
3.0
2.0
1.0
0
0
1
2
3
4
5
6
Input Voltage(V)
Figure 3. GM66102-5.0 Dropout
Characteristics
I
= 1.0A
OUT
I
= 10mA
OUT
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
Supply Voltage (V)
Figure 4. GM66102 Ground Current
vs. Supply Voltage
V
= 5V
OUT
I
= 10mA
LOAD
60
50
40
30
20
10
0
0
2
4
6
8
10
Supply Voltage (V)
Figure 5. GM66102 Ground Current
vs. Supply Voltage
300
250
200
150
100
50
0
-60 -30
0
30
60
90
120
130
Temperature (°C)
Figure 6. GM66102 Ground Current
vs. Temperature
GM66102
I
= 1.0A
OUT
I
= 10mA
LOAD
2.5
2.0
1.5
1.0
0.5
0
-60
-30
0
30
60
90
120 150
Temperature (°C)
Figure 7. GM66102 Ground Current
vs. Temperature
I
= 250mA
LOAD
3.40
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
3.20
-60
-30
0
30
60
90
120
150
Temperature (°C)
Figure 8. GM66102-3.3 Output Voltage
vs. Temperature
3DEVICES


Similar Part No. - GM66102-5.0TC3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66102S8RG GAMMA-GM66102S8RG Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66102-5.0TC3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com