Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM5511C4.1ST23R Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM5511C4.1ST23R
Description  STANDARD VOLTAGE DETECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM5511C4.1ST23R Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM5511C4.1ST23R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM5511C4.1ST23R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM5511C4.1ST23R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM5511C4.1ST23R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM5511C4.1ST23R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM5511C4.1ST23R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM5511C4.1ST23R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM5511C4.1ST23R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM5511C4.1ST23R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
The GM5511 series are highly precise and, low power con-
sumption voltage detectors. Detect voltage is extremely ac-
curate with minimal temperature drift. Both CMOS and N
channel open drain output configurations are available.
Features
Highly accurate: ± 2%
Low power consumption: TYP 0.7µA
[V
= 1.5V]
IN
Detect voltage range: 1.6V to 6.0V in 0.1V
increments
Operating voltage range: 0.7 to 10.0V
Detect voltage temperature characteristic:
TYP ± 100 ppm/ °C
Output Configuration: CMOS or N channel
open drain
SOT-23 (150mW) mini-mold
SOT-89 (500mW) mini-power mold
Alternate of " MAX809"
TYPICAL APPLICATION CIRCUITS
www.gammamicro.com
1
VIN
VOUT
VSS
100kW
R
GM5511N
VIN
VIN
VIN
VOUT
VSS
GM5511C
CMOS Output
N-ch Open Drain Output
Application
Computers
Controllers
Intelligent Instruments
Critical µP and uC Power Monitoring
Portable/ Battery- Powered Equipment
Automotive


Similar Part No. - GM5511C4.1ST23R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5510 GAMMA-GM5510 Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510C-1.8ST23R GAMMA-GM5510C-1.8ST23R Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5510C-1.8ST23R GAMMA-GM5510C-1.8ST23R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510C-1.8ST23RG GAMMA-GM5510C-1.8ST23RG Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
More results

Similar Description - GM5511C4.1ST23R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com