Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6251-4.5T92RL Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM6251-4.5T92RL
Description  250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6251-4.5T92RL Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM6251-4.5T92RL Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6251-4.5T92RL Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6251-4.5T92RL Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6251-4.5T92RL Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6251-4.5T92RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6251-4.5T92RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6251-4.5T92RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6251-4.5T92RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6251-4.5T92RL Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Parameter
Symbol
Min
Typ
Max
Unit Circuit
Condition
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
Output Voltage
Maximum Output Current
(Note 2)
V
(E)
OUT
I
max
OUT
I
=40mA,
OUT
V
>VDrop+V
IN
OUT
1.764
2.450
2.646
2.744
2.940
3.136
3.234
3.430
3.528
3.920
4.312
4.410
4.900
1.800
2.500
2.700
2.800
3.000
3.200
3.300
3.500
3.600
4.000
4.400
4.500
5.000
1.836
2.550
2.754
2.856
3.060
3.264
3.366
3.570
3.672
4.080
4.488
4.590
5.100
V
1
250
mA
1
5
GM6251-1.8V
GM6251-1.8V
GM6251-2.5V
GM6251-2.5V
GM6251-2.7V
GM6251-2.7V
GM6251-2.8V
GM6251-2.8V
GM6251-3.0V
GM6251-3.0V
GM6251-3.2V
GM6251-3.2V
GM6251-3.3V
GM6251-3.3V
GM6251-3.5V
GM6251-3.5V
GM6251-3.6V
GM6251-3.6V
GM6251-4.0V
GM6251-4.0V
GM6251-4.4V
GM6251-4.4V
GM6251-4.5V
GM6251-4.5V
GM6251-5.0V
GM6251-5.0V
V =3.0V, V
(E)
1.62V
IN
OUT
V =4.0V, V
(E)
2.3V
IN
OUT
V =4.0V, V
(E)
2.43V
IN
OUT
V =4.0V, V
(E)
2.52V
IN
OUT
V =4.0V, V
(E)
2.97V
IN
OUT
V =6.0V, V
(E)
4.5V
IN
OUT
V =6.0V, V
(E)
4.05V
IN
OUT
V =6.0V, V
(E)
3.96V
IN
OUT
V =5.0V, V
(E)
3.6V
IN
OUT
V =5.0V, V
(E)
3.24V
IN
OUT
V =5.0V, V
(E)
3.15V
IN
OUT
V =4.0V, V
(E)
2.7V
IN
OUT
V =4.0V, V
(E)
2.88V
IN
OUT


Similar Part No. - GM6251-4.5T92RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6251-4.5T92RL ETC2-GM6251-4.5T92RL Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251-4.5T92RL GAMMA-GM6251-4.5T92RL Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251-4.5T92RL

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Eorex Corporation
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com