Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1117-5.0 Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM1117-5.0
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1117-5.0 Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM1117-5.0 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM1117-5.0 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1117-5.0 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1117-5.0 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1117-5.0 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1117-5.0 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1117-5.0 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1117-5.0 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1117-5.0 Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
High Efficiency Linear Regulators
Post Regulators for Switching Supplies
Microprocessor Supply
Description
GM1117 of positive adjustable and fixed regulators is de-
signed to provide 1.0A output with low dropout voltage per-
formance. On-chip trimming adjusts the reference voltage
to 1%. For usage on working in post regulators or micro-
processor power supplies, low voltage operation and fast
transient response are required.
Pin-to-pin compatible with the LT1086 family of regulators,
GM1117 is available in surface-mount SOT-223 and TO-
252 packages.
Application
Features
Adjustable or Fixed Output
Output Current of 1.0A
Dropout Voltage (Typical) 1.15V @ 1.0A
Line Regulation 0.2% max.
Load Regulation 0.4% max.
Fast Transient Response
Current Limit Protection
Thermal Shutdown Protection
TYPICAL APPLICATION CIRCUITS
Hard Drive Controllers
Battery Chargers
Adjustable Power Supply
(Adjustable Version)
VOUT
GND
VIN
GM1117-3.3
(Fixed Version)
www.gammamicro.com
1
+
+
C1
10µF
Tant
C2
10µF
Tant. Min
V
= 3.3V
OUT
V > 4.75V
IN
VOUT
ADJ
VIN
+
+
C1
10µF
Tant
C2
10µF
Tant. Min
V
= 3.45V
OUT
V > 4.75V
IN
GM1117-Adj
R1
133W
1.0%
R2
232W
1.0%
2
3
1
2
3
1
Notes:
1. C1 needed if device is far from filter capacitors
2. C2 minimum value required for stability
V
V
R2
=
X (1 +
) + I
X
OUT
REF
ADJ
R2
R1
A
A
MICROELECTRONICS
GM1117
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Power Management


Similar Part No. - GM1117-5.0

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117-5.0ST3R GAMMA-GM1117-5.0ST3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-5.0ST3T GAMMA-GM1117-5.0ST3T Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-5.0TA3R GAMMA-GM1117-5.0TA3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-5.0TA3T GAMMA-GM1117-5.0TA3T Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-5.0TB3T GAMMA-GM1117-5.0TB3T Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results

Similar Description - GM1117-5.0

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com