Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR40H150C Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GMR40H150C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR40H150C Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

  GMR40H150C Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 5Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 6Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 7Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
A
A
MICROELECTRONICS
GMR40H150C
Power Discrete
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
ORDERING NUMBER
GM
150
R 40 H
C TB3 T
Gamma Micro.
Voltage Rating
150: 150V
Package
TP3: TO-3P
TPF3: TO-3PF
TB3: TO-220AB
TBF3: TO-220FPAB
Shipping
T: Tube
R: Tape & Reel
Rectifier
Current Rating
40: 40A
Low V family
f
Dual Cathode Common


Similar Part No. - GMR40H150C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMR40H100C ETC1-GMR40H100C Datasheet
326Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR40H100C GAMMA-GMR40H100C Datasheet
153Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR40H100CTA3R ETC1-GMR40H100CTA3R Datasheet
326Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR40H100CTA3T ETC1-GMR40H100CTA3T Datasheet
326Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR40H100CTB3R ETC1-GMR40H100CTB3R Datasheet
326Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - GMR40H150C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com