Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA3004 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA3004
Description  Remote control transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA3004 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA3004 Datasheet HTML 7Page - NXP Semiconductors SAA3004 Datasheet HTML 8Page - NXP Semiconductors SAA3004 Datasheet HTML 9Page - NXP Semiconductors SAA3004 Datasheet HTML 10Page - NXP Semiconductors SAA3004 Datasheet HTML 11Page - NXP Semiconductors SAA3004 Datasheet HTML 12Page - NXP Semiconductors SAA3004 Datasheet HTML 13Page - NXP Semiconductors SAA3004 Datasheet HTML 14Page - NXP Semiconductors SAA3004 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
August 1982
11
Philips Semiconductors
Product specification
Remote control transmitter
SAA3004
CHARACTERISTICS
VSS = 0 V; Tamb = 25 °C; unless otherwise specified
PARAMETER
VDD (V)
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
Tamb = 0 to +70 °C
VDD
4
11
V
Supply current; active
fOSC = 455 kHz;
REMO output unloaded
6
9
IDD
IDD
1
3
mA
mA
Supply current; inactive
(stand-by mode)
Tamb = 25 °C
6
9
IDD
IDD
2
2
µA
µA
Oscillator frequency
(ceramic resonator)
4 to 11
fOSC
400
500
kHz
Keyboard matrix
Inputs SEN0N to SEN6N
Input voltage LOW
4 to 11
VIL
−−
0,2
× VDD
V
Input voltage HIGH
4 to 11
VIH
0,8
× VDD
−−
V
Input current
4
−I
I
10
100
µA
VI = 0 V
11
−II
30
300
µA
Input leakage current
VI = VDD
11
II
−−
1
µA
Outputs DRV0N to DRV6N
Output voltage “ON”
IO = 0,1 mA
IO = 1,0 mA
4
11
VOL
VOL
0,3
0,5
V
V
Output current “OFF”
VO = 11 V
11
IO
−−
10
µA
Control input ADRM
Input voltage LOW
VIL
−−
0,8
× VDD
V
Input voltage HIGH
VIH
0,2
× VDD
−−
V
Input current (switched P- and
N-channel pull-up/pull-down)
Pull-up active
4
IIL
10
100
µA
stand-by voltage: 0 V
11
IIL
30
300
µA
Pull-down active
4
IIH
10
100
µA
stand-by voltage: VDD
11
IIH
30
300
µA


Similar Part No. - SAA3004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA3006 ETC1-SAA3006 Datasheet
131Kb / 13P
   LOW VOLTAGE INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
NXP Semiconductors
SAA3007 PHILIPS-SAA3007 Datasheet
295Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
SAA3007P PHILIPS-SAA3007P Datasheet
295Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
SAA3007T PHILIPS-SAA3007T Datasheet
295Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
SAA3008 PHILIPS-SAA3008 Datasheet
110Kb / 17P
   Infrared remote control transmitter RECS 80 low voltage
December 1988
More results

Similar Description - SAA3004

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
   Remote Control Transmitter
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
   Remote Control Transmitter
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com