Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7701 Datasheet(PDF) 4 Page - EPCOS

Part # B7701
Description  SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7701 Datasheet(HTML) 4 Page - EPCOS

  B7701 Datasheet HTML 1Page - EPCOS B7701 Datasheet HTML 2Page - EPCOS B7701 Datasheet HTML 3Page - EPCOS B7701 Datasheet HTML 4Page - EPCOS B7701 Datasheet HTML 5Page - EPCOS B7701 Datasheet HTML 6Page - EPCOS B7701 Datasheet HTML 7Page - EPCOS B7701 Datasheet HTML 8Page - EPCOS B7701 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Jan 24, 2005
SAW Components
B7701
881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -30 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 200 Ω
min.
typ.
max.
Center frequency
fC
881,5
MHz
Maximum insertion attenuation
α
max
869,0
... 894,0
MHz
2,6
3,0
dB
Amplitude ripple (p-p)
∆α
869,0
... 894,0
MHz
1,0
1,4
dB
VSWR
869,0
... 894,0
MHz
1,8
2,0
Output phase balance (
φ(S31)−φ(S32)+180˚)
869,0
... 894,0
MHz
-10,0
0
10,0
degree
Output amplitude balance
(|S31/S32|)
869,0
... 894,0
MHz
-1,0
0
1,0
dB
Attenuation
α
0,0
... 824,0
MHz
50,0
60,0
dB
824,0
... 849,0
MHz
35,0
40,0
dB
914,0
... 924,0
MHz
22,0
26,0
dB
924,0
... 970,0
MHz
30,0
36,0
dB
970,0
...3000,0
MHz
50,0
70,0
dB
3000,0
...6000,0
MHz
45,0
60,0
dB
Tx band suppression
α
824,0
... 849,0
MHz
35,0
40,0
dB


Similar Part No. - B7701

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7703 EPCOS-B7703 Datasheet
88Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7707 EPCOS-B7707 Datasheet
66Kb / 8P
   Low-Loss Filter for Mobile Communication
More results

Similar Description - B7701

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7751 EPCOS-B7751 Datasheet
61Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9004 EPCOS-B9004 Datasheet
63Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9032 EPCOS-B9032 Datasheet
59Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7753 EPCOS-B7753 Datasheet
106Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7842 EPCOS-B7842 Datasheet
70Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7730 EPCOS-B7730 Datasheet
94Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9006 EPCOS-B9006 Datasheet
73Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com