Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRK4993CR-2 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRK4993CR-2
Description  3.3V PROGRAMMABLE SKEW CLOCK BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK4993CR-2 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRK4993CR-2 Datasheet HTML 5Page - Exar Corporation XRK4993CR-2 Datasheet HTML 6Page - Exar Corporation XRK4993CR-2 Datasheet HTML 7Page - Exar Corporation XRK4993CR-2 Datasheet HTML 8Page - Exar Corporation XRK4993CR-2 Datasheet HTML 9Page - Exar Corporation XRK4993CR-2 Datasheet HTML 10Page - Exar Corporation XRK4993CR-2 Datasheet HTML 11Page - Exar Corporation XRK4993CR-2 Datasheet HTML 12Page - Exar Corporation XRK4993CR-2 Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
XRK4993
9
REV. 1.0.0
3.3V PROGRAMMABLE SKEW CLOCK BUFFER
NOTES:
8.
Test measurement levels for the XRK4993 are TTL levels (1.5V to 1.5V). Test conditions assume signal transition
times of 2 ns or less and output loading as shown in the AC Test Loads and Waveforms unless otherwise
specified.
9.
Guaranteed by statistical correlation. Tested initially and after any design or process changes that may affect
these parameters.
10.
SKEW is defined as the time between the earliest and the latest output transition among all outputs for which the
same tU delay has been selected when all are loaded with 20pF and terminated with 75Ω to VCC/2 (XRK4993).
SWITCHING CHARACTERISTICS OVER THE 3.3V + 10% OPERATING RANGE [2,8]
SYMBOL
DESCRIPTION
XRK4993-2
XRK4993-5
XRK4993-7
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tRPWH
CLKIN Pulse Width HIGH
4
4
4
ns
tRPWL
CLKIN Pulse Width LOW
4
4
4
ns
tu
Programmable Skew Unit
See Table 1
tSKEWPR Zero Output Matched-Pair Skew
(Qx[1:0]) [10, 11]
0.05
0.2
0.1
0.25
0.1
0.25
ns
tSKEW0
Zero Output Skew (All Outputs) [10, 12]
0.1
0.25
0.25
0.5
0.3
0.75
ns
tSKEW1
Output Skew (Rise-Rise, Fall-Fall,
Same Class Outputs)[10, 13]
0.25
0.5
0.6
0.7
0.6
1
ns
tSKEW2
Output Skew (Rise-Fall) [10, 13]
0.3
1
0.5
1
1
1.5
ns
tSKEW3
Output Skew (Rise-Rise, Fall-Fall,
Different Class Outputs) [10, 13]
0.25
0.5
0.5
0.7
0.7
1.2
ns
tSKEW4
Output Skew (Nominal-Divided) [10, 13]
0.5
0.9
0.5
1
1.2
1.7
ns
tDEV
Device-to-Device Skew [9, 14]
0.75
1.25
1.65
ns
tPD
Propagation Delay, CLKIN Rise to
FB_IN Rise
-0.25
0
0.25
-0.5
0
0.5
-0.7
0
0.7
ns
tODCV
Output Duty Cycle Variation [15]
-1
0
1
-1
0
1
-1.2
0
1.2
ns
tPWH
Output HIGH Time Deviation from 50%
[16]
2
2.5
3
ns
tPWL
Output LOW Time Deviation from 50%
[16]
1.5
3
3.5
ns
tORISE
Output Rise Time [16, 17]
0.15
1
1.2
0.15
1
1.5
0.15
1.5
2.5
ns
tOFALL
Output Fall Time [16, 17]
0.15
1
1.2
0.15
1
1.5
0.15
1.5
2.5
ns
tLOCK
PLL Lock Time [18]
0.5
0.5
0.5
ms
tJR
Cycle-to-Cycle Output
Jitter
RMS [9]
25
25
25
ps
Peak-to-Peak
[9]
200
200
200


Similar Part No. - XRK4993CR-2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911CJ-2 EXAR-XRK49911CJ-2 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911CJ-5 EXAR-XRK49911CJ-5 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911CJ-7 EXAR-XRK49911CJ-7 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
More results

Similar Description - XRK4993CR-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7C9925 CYPRESS-CY7C9925 Datasheet
277Kb / 12P
   3.3V/2.5V Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com