Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7708 Datasheet(PDF) 2 Page - EPCOS

Part # B7708
Description  SAW Components Low Loss Filter 1575,42 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7708 Datasheet(HTML) 2 Page - EPCOS

  B7708 Datasheet HTML 1Page - EPCOS B7708 Datasheet HTML 2Page - EPCOS B7708 Datasheet HTML 3Page - EPCOS B7708 Datasheet HTML 4Page - EPCOS B7708 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Aug 19, 2004
SAW Components
B7708
1575,42 MHz
Low Loss Filter
Data Sheet
0,7
2,5
12
4
3
0,1
side view
top view
bottom view
Features
q
Low loss RF filter for GPS receivers
q
Usable passband 2,0 MHz
q
Low amplitude ripple
q
Package for Surface Mounted
Technology (SMT)
q
Pb-free
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,01 g
Pin configuration
1
Input, unbalanced
3
Output, unbalanced
2, 4
To be grounded, Case Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7708
B39162-B7708-K710
C61157-A7-A136
F61074-V8189-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
ESD voltage
V*ESD
50*
V
Input power max.
1574,3 ... 1576,7 MHz
50,0...1535,5 and
1625,5 ... 6000 MHz
PIN
PIN
3
15
dBm
dBm
source and load impedance 50
continuous wave signal
2
3
1
4
Chip Sized SAW Package DCS4H
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses


Similar Part No. - B7708

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7703 EPCOS-B7703 Datasheet
88Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
More results

Similar Description - B7708

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7722 EPCOS-B7722 Datasheet
51Kb / 5P
   SAW Components Low-Loss Filter 1575,42 MHz
B7775 EPCOS-B7775 Datasheet
60Kb / 5P
   SAW Components Low-Loss Filter 1575,42 MHz
B7725 EPCOS-B7725 Datasheet
50Kb / 5P
   SAW Components Low-Loss Filter 1575,42 MHz
B7840 EPCOS-B7840 Datasheet
69Kb / 5P
   SAW Components Low-Loss Filter 1575,42 MHz
B4060 EPCOS-B4060 Datasheet
56Kb / 6P
   SAW Components Low-Loss Filter for Automotive Telematics 1575,42 MHz
B4059 EPCOS-B4059 Datasheet
60Kb / 6P
   SAW Components Low Loss Filter for Automotive Telematics 1575,42 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com