Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39212-B7712-K910 Datasheet(PDF) 9 Page - EPCOS

Part # B39212-B7712-K910
Description  SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39212-B7712-K910 Datasheet(HTML) 9 Page - EPCOS

  B39212-B7712-K910 Datasheet HTML 1Page - EPCOS B39212-B7712-K910 Datasheet HTML 2Page - EPCOS B39212-B7712-K910 Datasheet HTML 3Page - EPCOS B39212-B7712-K910 Datasheet HTML 4Page - EPCOS B39212-B7712-K910 Datasheet HTML 5Page - EPCOS B39212-B7712-K910 Datasheet HTML 6Page - EPCOS B39212-B7712-K910 Datasheet HTML 7Page - EPCOS B39212-B7712-K910 Datasheet HTML 8Page - EPCOS B39212-B7712-K910 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
January 18, 2005
SAW Components
B7712
2140,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW MC PD
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2005. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B39212-B7712-K910

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39212-B7728-K910 EPCOS-B39212-B7728-K910 Datasheet
54Kb / 6P
   SAW Components Low-Loss Filter 2140,0 MHz
B39212-B7750-C810 EPCOS-B39212-B7750-C810 Datasheet
65Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B39212-B7752-C910 EPCOS-B39212-B7752-C910 Datasheet
81Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
More results

Similar Description - B39212-B7712-K910

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7827 EPCOS-B7827 Datasheet
62Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B9005 EPCOS-B9005 Datasheet
60Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
B7750 EPCOS-B7750 Datasheet
65Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7808 EPCOS-B7808 Datasheet
69Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
B7752 EPCOS-B7752 Datasheet
81Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7835 EPCOS-B7835 Datasheet
64Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7728 EPCOS-B7728 Datasheet
54Kb / 6P
   SAW Components Low-Loss Filter 2140,0 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com