Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRK39910 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRK39910
Description  3.3V LOW SKEW PLL CLOCK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK39910 Datasheet(HTML) 4 Page - Exar Corporation

  XRK39910 Datasheet HTML 1Page - Exar Corporation XRK39910 Datasheet HTML 2Page - Exar Corporation XRK39910 Datasheet HTML 3Page - Exar Corporation XRK39910 Datasheet HTML 4Page - Exar Corporation XRK39910 Datasheet HTML 5Page - Exar Corporation XRK39910 Datasheet HTML 6Page - Exar Corporation XRK39910 Datasheet HTML 7Page - Exar Corporation XRK39910 Datasheet HTML 8Page - Exar Corporation XRK39910 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
XRK39910
4
3.3V LOW SKEW PLL CLOCK DRIVER
REV. 1.0.0
NOTE: (1) These inputs are normally wired to VDD, GND, or unconnected. Internal termination resistors bias unconnected
inputs to VDD/2. If these inputs are switched, the function and timing of the outputs may be glitched, and the PLL
may require an additional tLOCK time before all datasheet limits are achieved.
NOTE: (1) For eight outputs, each loaded with 20pF.
NOTE: (1) Where pulse width implied by DH is less than tPWC limit, tPWC limit applies.
I3
3-Level Input DC Current (BYPASS, FSEL)
VIN = VDD
HIGH Level
+400
μA
VIN = VDD/2
MID Level
+200
VIN = GND
LOW Level
+400
IPU
Input Pull-Up current (PE)
VDD = Max., VIN = GND
+100
μA
IPD
Input Pull-Down Current (OE)
VDD= Max., VIN = VDD
+100
μA
VOH
Output HIGH Voltage
VDD = Min., IOH = -12mA
2.4
V
VOL
Output LOW Voltage
VDD = Min., IOL = 12mA
0.55
V
TABLE 7: POWER SUPPLY CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS(1)
TYP.
MAX.
UNIT
IDDQ
Quiescent Power Supply Current
VDD=Max., BYPASS=MID, CLKIN=LOW
VDD/PE=LOW, OE=LOW,
All outputs unloaded
8
25
mA
ITOT
Total Power Supply Current
VDD=3.3V, FREF=25MHz, CL=160pF(1)
34
mA
VDD=3.3V, FREF=33MHz, CL=160pF(1)
42
VDD=3.3V, FREF=66MHz, CL=160pF(1)
76
TABLE 8: INPUT TIMING REQUIREMENTS
SYMBOL
DESCRIPTION(1)
MIN.
MAX.
UNIT
tR, tF
Maximum input rise and fall times, 0.8V to 2V
10
ns/V
tPWC
Input clock pulse, HIGH or LOW
3
ns
DH
Input duty cycle
10
90
%
Ref
Reference Clock Input
15
85
MHz
TABLE 6: DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
SYMBOL
PARAMETER
CONDITIONS
MIN.MAX.UNIT


Similar Part No. - XRK39910

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351 EXAR-XRK39351 Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351CQ EXAR-XRK39351CQ Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351IQ EXAR-XRK39351IQ Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351IQ EXAR-XRK39351IQ Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
More results

Similar Description - XRK39910

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3Q991 PERICOM-PI6C3Q991 Datasheet
544Kb / 10P
   3.3V Programmable Skew PLL Clock Driver
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com