Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRK39910ID-2 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRK39910ID-2
Description  3.3V LOW SKEW PLL CLOCK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK39910ID-2 Datasheet(HTML) 7 Page - Exar Corporation

  XRK39910ID-2 Datasheet HTML 1Page - Exar Corporation XRK39910ID-2 Datasheet HTML 2Page - Exar Corporation XRK39910ID-2 Datasheet HTML 3Page - Exar Corporation XRK39910ID-2 Datasheet HTML 4Page - Exar Corporation XRK39910ID-2 Datasheet HTML 5Page - Exar Corporation XRK39910ID-2 Datasheet HTML 6Page - Exar Corporation XRK39910ID-2 Datasheet HTML 7Page - Exar Corporation XRK39910ID-2 Datasheet HTML 8Page - Exar Corporation XRK39910ID-2 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
XRK39910
7
REV. 1.0.0
3.3V LOW SKEW PLL CLOCK DRIVER
FIGURE 5. AC TEST LOADS AND WAVEFORMS
150
Ω
V
DD
150
Ω
Output
20pF
AC Test Loads
LVTTL Output Waveform
2.0V
0.8V
t
ORISE
t
OFALL
LVTTL Input Test Waveform
2.0V
0.8V
<1ns
<1ns
3.0V
Vth = 1.5V
0V


Similar Part No. - XRK39910ID-2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351 EXAR-XRK39351 Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351CQ EXAR-XRK39351CQ Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351IQ EXAR-XRK39351IQ Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351IQ EXAR-XRK39351IQ Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
More results

Similar Description - XRK39910ID-2

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3Q991 PERICOM-PI6C3Q991 Datasheet
544Kb / 10P
   3.3V Programmable Skew PLL Clock Driver
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com