Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT71D00 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT71D00
Description  E3/DS3/STS-1 JITTER ATTENUATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D00 Datasheet(HTML) 5 Page - Exar Corporation

  XRT71D00_01 Datasheet HTML 1Page - Exar Corporation XRT71D00_01 Datasheet HTML 2Page - Exar Corporation XRT71D00_01 Datasheet HTML 3Page - Exar Corporation XRT71D00_01 Datasheet HTML 4Page - Exar Corporation XRT71D00_01 Datasheet HTML 5Page - Exar Corporation XRT71D00_01 Datasheet HTML 6Page - Exar Corporation XRT71D00_01 Datasheet HTML 7Page - Exar Corporation XRT71D00_01 Datasheet HTML 8Page - Exar Corporation XRT71D00_01 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
áç
áç
áç
áç
XRT71D00
E3/DS3/STS-1 JITTER ATTENUATOR
REV. 1.2.0
4
8
STS-1
I
SONET STS-1 Mode Select:
This pin along with the E3/DS3* select pin (pin 29) configures the XRT71D00 either in
E3, DS3 or STS-1 mode.
A table relating the setting of these two input pins to the operating modee of the
XRT71D00 device is given below:
STS-1
E3/DS3*
XRT71D00 Operating Mode
0
0
DS3 (44.736 MHz)
0
1
E3 (34.368 MHz)
1
0
STS-1 (51.84 MHz)
1
1
E3 (34.368 MHz)
NOTES:
1. For “SONET De-Synchronization” Applications, the user should configure the
XRT71D00 device to operate in the “DS3” Mode.
2. This input pin is active only in the Hardware Mode
3. This pin contains an Internal 50 K Ohm pull-up resistor.
9
NC
***
This pin is not connected internally
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION


Similar Part No. - XRT71D00_01

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
More results

Similar Description - XRT71D00_01

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D04 EXAR-XRT71D04 Datasheet
264Kb / 22P
   4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
logo
Teridian Semiconductor ...
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
   4-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
Exar Corporation
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
logo
Teridian Semiconductor ...
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2343JAT TERIDIAN-78P2343JAT Datasheet
351Kb / 37P
   3-port E3/DS3/STS-1 LIU with Jitter Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com