Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66302TA3T Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM66302TA3T
Description  3A ULTRA LOW-DROPOUT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66302TA3T Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM66302TA3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66302TA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66302TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66302TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66302TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66302TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66302TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66302TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66302TA3T Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
APPLICATION INFORMATION
The GM66300 series is a high performance with low-
dropout voltage regulator, suitable for moderate to
high-current voltage regulator applications. Its 500mV
dropout voltage at full load makes it especially valuable
in battery-powered systems and as a high-efficiency
noise filter in post-regulator applications.
Unlike older NPN-pass transistor designs, where the
minimum dropout voltage is limited by the base-to-
emitter voltage drop and collector-to-emitter saturation
voltage. Dropout performance of the PNP output of
these devices is limited only by the low V
saturation
CE
Voltage.
The GM66300 series regulator is fully protected from
damage due to fault conditions. Current limiting is
provided. This limiting is linear, output current during
overload conditions is constant. Thermal shutdown
disables the device when the die temperature exceeds
the maximum safe operating temperature. Transient
protection allows device (and load) survival even when
the input voltage spikes above and below nominal. The
output structure of these regulators allows voltages in
excess of the desired output voltage to be applied
without reverse current flow.
Thermal Design
Linear regulators are simple to use. The most
complicated design parameters to consider are thermal
characteristics.
Thermal design requires four application-specific
parameters:
Maximum ambient temperature (T )
A
Output Current (I
)
OUT
Output Voltage (V
)
OUT
Input Voltage (V )
IN
Ground Current (I
)
GND
Figure 10. Capacitor Requirements
Calculate the power dissipation of the regulator from
these numbers and the device parameters from this
datasheet, where the ground current is taken from
data sheet
The heat sink thermal resistance is determined by:
where T
125°C and
is between 0°C and
J(max)
CS
2°C/W.
The heat sink may be significantly reduced in
applications where the minimum input voltage is
known and is large compared with the dropout
voltage. Use a series input resistor to drop
excessive voltage and distribute the heat between
this resistor and the regulator. The low dropout
properties of Super beta PNP regulators allow
significant reductions in regulator power dissipation
and the associated heat sink without compromising
performance. When this technique is employed, a
capacitor of at least 1.0µF is needed directly
between the input and regulator ground.
Output Capacitor
The GM66300 series requires an output capacitor to
maintain stability and improve transient response.
Proper capacitor selection is important to ensure
proper operation. The GM66300 series output
capacitor selection is dependent upon the ESR
(equivalent series resistance) of the output capacitor
to maintain stability. When the output capacitor is
47µF or greater, the output capacitor should have
less than 1W of ESR. This will improve transient
response as well as promote stability. Ultra-low-ESR
capacitors, such as ceramic chip capacitors may
promote instability. These very low ESR levels may
cause an oscillation and/or underdamped transient
response. When larger capacitors are used, the
ESR requirement approaches zero. A 100µF
ceramic capacitor can be used on the output while
maintaining stability. A low-ESR 47µF solid tantalum
capacitor works extremely well and provides good
transient response and stability over temperature.
Aluminum electrolytics can also be used, as long as
the ESR of the capacitor is 1W.
The value of the output capacitor can be increased
without limit. Higher capacitance values help to
improve transient response, ripple rejection, and
reduce output noise.
q
q
=
- (q
SA
JC + q
)
CS
T
- TA
J(MAX)
P
D
+
VIN
GM66300 - X.X
COUT
+
CIN
VOUT
GND
VIN
VOUT
P = (V
- V
)I
+ V
I
D
IN
OUT OUT
IN
GND


Similar Part No. - GM66302TA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66302TA5R GAMMA-GM66302TA5R Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66302TA5RG GAMMA-GM66302TA5RG Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66302TA5T GAMMA-GM66302TA5T Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66302TA5TG GAMMA-GM66302TA5TG Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66302TA3T

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
logo
Alpha & Omega Semicondu...
AOZ2003 AOSMD-AOZ2003 Datasheet
1Mb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
   3A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8973 A-POWER-APE8973_14 Datasheet
354Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_16 Datasheet
115Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com