Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT71D00 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT71D00
Description  E3/DS3/STS-1 JITTER ATTENUATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D00 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT71D00 Datasheet HTML 3Page - Exar Corporation XRT71D00 Datasheet HTML 4Page - Exar Corporation XRT71D00 Datasheet HTML 5Page - Exar Corporation XRT71D00 Datasheet HTML 6Page - Exar Corporation XRT71D00 Datasheet HTML 7Page - Exar Corporation XRT71D00 Datasheet HTML 8Page - Exar Corporation XRT71D00 Datasheet HTML 9Page - Exar Corporation XRT71D00 Datasheet HTML 10Page - Exar Corporation XRT71D00 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
áç
áç
áç
áç
XRT71D00
E3/DS3/STS-1 JITTER ATTENUATOR
REV. 1.2.0
6
12
HOST/HW
I
Host/Hardware Mode Select:
This input pin permits the user to configure the XRT71D00 device to operate in either
the “Host” or “Hardware” Mode.
Setting this input pin “high” configures the XRT71D00 device to operate in the “Host”
Mode (e.g., enables the Microprocessor Serial Interface). In this mode, the user is
expected to configure the XRT71D00 device by writing data into the “on-chip” Com-
mand Registers via the Microprocessor Serial Interface. As a consequence, when the
XRT71D00 device is operating in the “Host” Mode, then it will ignore the states of many
of the discrete input pins.
Setting this input pin “low” configures the XRT71D00 device to operate in the “Hard-
ware” Mode. When the XRT71D00 device is operating in the “Hardware” Mode, then
the Microprocessor Serial Interface will be disabled. In this mode, many of the external
input control pins will be functional.
13
NC
***
This pin is not connected internally.
14
FL
O
FIFO Limit Alarm Output Indicator.
This output pin is driven high whenever the internal FIFO comes within two-bits of
being completely full or completely depleted.
When this output pin is asserted, it will be driven “high” for at least one “RRCLK” cycle
period.
15
BWS/
Ch_Addr_1
I
Bandwidth Select Input/Channel Addr_1 Assignment Input. The function of
this input pin depends on whether XRT71D00 is configured in Host or Hardware mode.
Hardware Mode—Bandwidth Select Input:
This input pin permits the user to configure the PLL (within the XRT71D00 device) to
operate with either a wide or narrow bandwidth. Setting this input pin “high” configures
the PLL to operate with a wide bandwidth
Conversely, setting this input pin “low” configures the PLL to operate with a “narrow-
bandwidth”.
Host Mode—Channel_Addr_1 Assignment Input:
This input pin, along with pin 28 permits the user to assign a “Channel Address” to the
XRT71D00 device.
NOTE: A detailed discussion on “Channel Assignment” is presented in Section _.
16
NC
***
This pin is not connected internally.
17
NC
***
This pin is not connected internally.
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION


Similar Part No. - XRT71D00

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
More results

Similar Description - XRT71D00

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D04 EXAR-XRT71D04 Datasheet
264Kb / 22P
   4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
logo
Teridian Semiconductor ...
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
   4-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
Exar Corporation
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
logo
Teridian Semiconductor ...
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2343JAT TERIDIAN-78P2343JAT Datasheet
351Kb / 37P
   3-port E3/DS3/STS-1 LIU with Jitter Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com