Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66150-1.8TC3R Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM66150-1.8TC3R
Description  1.5A ULTRA LOW-DROPOUT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66150-1.8TC3R Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM66150-1.8TC3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66150-1.8TC3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66150-1.8TC3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66150-1.8TC3R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66150-1.8TC3R Datasheet HTML 11Page - Gamma Microelectronics Inc. GM66150-1.8TC3R Datasheet HTML 12Page - Gamma Microelectronics Inc. GM66150-1.8TC3R Datasheet HTML 13Page - Gamma Microelectronics Inc. GM66150-1.8TC3R Datasheet HTML 14Page - Gamma Microelectronics Inc. GM66150-1.8TC3R Datasheet HTML 15Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
TO-220PACKAGE OUTLINE DIMENSIONS
TO-220-5 PACKAGE OUTLINE DIMENSIONS
9.90 ± 0.20
3.60 ± 0.20
1.50 DP0.20
3.70 ± 0.20
1.30
2.80 ± 0.10
1.52 ± 0.10
0.80 ± 0.10
2.54 TYP
(2.54 ± 0.20)
0.50
2.40 ± 0.20
Unit: mm
1.30 ± 0.10
4.50 ± 0.20
8.70
1.70
4.60
1.46
1.00
3.00
45°
+0.1
-0.05
+0.1
-0.05
8.0
7.0
7.0
0.9
3-R0.2
10.00 ± 0.20
8.40
1.27 ± 0.10
2 - R 0.3
9.90 ± 0.20
1.50 DP0.20
3.70 ± 0.20
1.30
2.80 ± 0.10
0.50
2.40 ± 0.20
Unit: mm
1.30 ± 0.10
4.50 ± 0.20
8.70
1.70
4.60
+0.1
-0.05
+0.1
-0.05
8.0 ± 0.20
7.0
7.0 ± 0.20
3-R0.2
10.00 ± 0.20
8.40
2 - R 0.3
3.60 ± 0.20
1.2
1.7(TYP)
5-0.8 ± 0.10
9.97 ± 0.20
9.20 ± 0.20


Similar Part No. - GM66150-1.8TC3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66150-1.8TA3R GAMMA-GM66150-1.8TA3R Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66150-1.8TA3RG GAMMA-GM66150-1.8TA3RG Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66150-1.8TA3T GAMMA-GM66150-1.8TA3T Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66150-1.8TA3TG GAMMA-GM66150-1.8TA3TG Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66150-1.8TB3T GAMMA-GM66150-1.8TB3T Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66150-1.8TC3R

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Power Analog Micoelectr...
PAM3108 PAM-PAM3108 Datasheet
431Kb / 10P
   Maximum 1.5A, Ultra Low Dropout Regulator
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com