Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM663021.8TA5T Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM663021.8TA5T
Description  3A ULTRA LOW-DROPOUT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM663021.8TA5T Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM663021.8TA5T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM663021.8TA5T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM663021.8TA5T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM663021.8TA5T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM663021.8TA5T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM663021.8TA5T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM663021.8TA5T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM663021.8TA5T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM663021.8TA5T Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Input Capacitor
An input capacitor of 1µF or greater is recommended
when the device is more than 4 inches away from the
bulk as supply capacitance, or when the supply is a
battery. Small surfacemount ceramic chip capacitors
can be used for the bypassing. Larger values will help
to improve ripple rejection by bypassing the input to the
regulator, further improving the integrity of the output
voltage.
Transient Response and 3.3V to 2.5V and 2.5V to
1.8V Conversions
The GM66300 series has excellent transient response
to variations in input voltage and load current. The
device has been designed to respond quickly to load
current variations and input voltage variations. Large
output capacitors are not required to obtain this
performance. A standard 47µF output capacitor,
preferably tantalum, is all that is required. Larger
values improve performance even further.
By virtue of its low-dropout voltage, this device does
not saturate into dropout as readily as similar NPN-
based designs. When converting from 3.3V to 2.5V or
2.5V to 1.8V, the NPN-based regulators are already
operating in dropout, with typical dropout requirements
of 1.2V or greater. To convert down to 2.5V without
operating in dropout, NPN-based regulators require an
input voltage of 3.7V at the very least.
The GM66300 series regulator will provides excellent
performance with an input as low as 3.0V or 2.5V
respectively. This gives the PNP-based regulators a
distinct advantage over older, NPN-based linear
regulators. A typical NPN regulator does not have the
headroom to do this conversion.
Minimum Load Current
The GM66300 series regulator is specified between
finite loads. If the output current is too small, leakage
currents dominate and the output voltage rises. A
10mA minimum load current is necessary for proper
regulation.
Error Flag
The GM66300 series version features an error flag
circuit which monitors the output voltage and signals
an error condition when the voltage 5% below the
nominal output voltage.
The error flag is an open-collector output that can
sink 10mA during a fault condition. Low output
voltage can be caused by a number of problems,
including an overcurrent fault (device in current limit)
or low input voltage. The flag is inoperative during
overtemperature shutdown. When the error flag is
not used, it is best to leave it open. The flag pin can
be tied directly to pin 4, the output pin.
Enable Input
The GM66300 series version features an enable
input for on/off control of the device. Its shutdown
state draws "zero" current. The enable input is
TTL/CMOS compatible for simple logic interface, but
can be connected to up to 20V. When enabled, it
draws approximately 15µA.


Similar Part No. - GM663021.8TA5T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66302TA5R GAMMA-GM66302TA5R Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66302TA5RG GAMMA-GM66302TA5RG Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66302TA5T GAMMA-GM66302TA5T Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66302TA5TG GAMMA-GM66302TA5TG Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66302TB5T GAMMA-GM66302TB5T Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM663021.8TA5T

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
logo
Alpha & Omega Semicondu...
AOZ2003 AOSMD-AOZ2003 Datasheet
1Mb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
   3A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8973 A-POWER-APE8973_14 Datasheet
354Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_16 Datasheet
115Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com