Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7728 Datasheet(PDF) 6 Page - EPCOS

Part # B7728
Description  SAW Components Low-Loss Filter 2140,0 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7728 Datasheet(HTML) 6 Page - EPCOS

  B7728 Datasheet HTML 1Page - EPCOS B7728 Datasheet HTML 2Page - EPCOS B7728 Datasheet HTML 3Page - EPCOS B7728 Datasheet HTML 4Page - EPCOS B7728 Datasheet HTML 5Page - EPCOS B7728 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
January 18, 2005
SAW Components
B7728
2140,0 MHz
Low-Loss Filter
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW MC PD
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 2005. All Rights Reserved. Reproduction, publication and dissemination of this bro-
chure and the information contained therein without EPCOS’ prior express consent is prohibited.
The information contained in this brochure describes the type of component and shall not be con-
sidered as guaranteed characteristics. Purchase orders are subject to the General Conditions for
the Supply of Products and Services of the Electrical and Electronics Industry recommended by the
ZVEI (German Electrical and Electronic Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B7728

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B772 UTC-B772 Datasheet
46Kb / 2P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
TRANSYS Electronics Lim...
B772 TEL-B772 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
logo
SHIKUES Electronics
B772 SKTECHNOLGY-B772 Datasheet
349Kb / 2P
   Plastic-Encapsulate PNP Transistors
logo
Samsung semiconductor
B772 SAMSUNG-B772 Datasheet
264Kb / 7P
   PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
SeCoS Halbleitertechnol...
B772 SECOS-B772 Datasheet
384Kb / 2P
   PNP Type Plastic Encapsulate Transistors
More results

Similar Description - B7728

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7827 EPCOS-B7827 Datasheet
62Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B9005 EPCOS-B9005 Datasheet
60Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
B7750 EPCOS-B7750 Datasheet
65Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7808 EPCOS-B7808 Datasheet
69Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
B7752 EPCOS-B7752 Datasheet
81Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7835 EPCOS-B7835 Datasheet
64Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com