Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM11171.8ST3T Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM11171.8ST3T
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM11171.8ST3T Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM11171.8ST3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM11171.8ST3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM11171.8ST3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM11171.8ST3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM11171.8ST3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM11171.8ST3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM11171.8ST3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM11171.8ST3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM11171.8ST3T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PARAMETER
BLOCK DIAGRAM
Operating Junction Temperature Range
Control Section
Power Transistor
Power Dissipation
Input Voltage
Lead Temperature(Soldering, 10sec)
VIN
VOUT
GND
Thermal
Shutdown
Bandgap
Reference
Output
Current
Limit
Error
Amplifier
+
-
ABSOLUTE MAXIMUM RATINGS
VIN
VOUT
ADJ
Thermal
Shutdown
Bandgap
Reference
Output
Current
Limit
Error
Amplifier
+
-
Storage Temperature Range
Thermal Characteristics
SOT-223
Thermal Resistance, Junction-to-Case
DPAK
Thermal Resistance, Junction-to-Case
2
DPAK
Thermal Resistance, Junction-to-Case
4
(Adjustable Version)
(Fixed Version)
SYMBOL
VALUE
UNIT
Internally limited
W
T
LEAD
V
IN
7.0
300
0 to 125
0 to 150
V
°C
°C
P
D
T
STG
-65 to + 150
15
°C
T
J
R
qJC
6.0
3.0
°C/ W
A
A
MICROELECTRONICS
GM1117
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Power Management


Similar Part No. - GM11171.8ST3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM1117 GAMMA-GM1117 Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3R GAMMA-GM1117-1.5ST3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3T GAMMA-GM1117-1.5ST3T Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5TA3R GAMMA-GM1117-1.5TA3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results

Similar Description - GM11171.8ST3T

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com