Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT82D20 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT82D20
Description  SINGLE CHANNEL E1 LINE INTERFACE UNIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT82D20 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT82D20_06 Datasheet HTML 4Page - Exar Corporation XRT82D20_06 Datasheet HTML 5Page - Exar Corporation XRT82D20_06 Datasheet HTML 6Page - Exar Corporation XRT82D20_06 Datasheet HTML 7Page - Exar Corporation XRT82D20_06 Datasheet HTML 8Page - Exar Corporation XRT82D20_06 Datasheet HTML 9Page - Exar Corporation XRT82D20_06 Datasheet HTML 10Page - Exar Corporation XRT82D20_06 Datasheet HTML 11Page - Exar Corporation XRT82D20_06 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
XRT82D20
7
SINGLE CHANNEL E1 LINE INTERFACE UNIT
REV. 1.0.8
ELECTRICAL CHARACTERISTICS
TABLE 1: RECEIVER CHARACTERISTICS
TA = 25°C, VDD = 3.3V± 5% or 5V± 5% Unless otherwise specified
PARAMETER
MIN.
TYP.
MAX
UNIT
Receiver Sensitivity
0.7
4.2
Vp
Interference Margin with -6db Cable Loss
-18
-14
-
dB
Input Impedance measured between RTIP or RRing to
ground
0.9
2.0
-
k
Recovered Clock Jitter Transfer Corner Frequency
Peaking Amplitude
-
-
18
0.1
36
0.5
kHz
dB
Jitter Attenuator Corner Frequency (-3dB curve)
-
20
40
Hz
Return Loss
51kHz-102kHz
102kHz-2048kHz
2048kHz-3072kHz
12
18
14
25
35
25
-
-
-
dB
dB
dB
TABLE 2: TRANSMITTER CHARACTERISTICS
TA = 25°C, VDD = 3.3V± 5% or 5V± 5% Unless otherwise specified
PARAMETER
MIN.
TYP.
MAX
UNIT
AMI Output Pulse Amplitude
75
Ω Application
120
Ω Application
2.14
2.70
2.37
3.00
2.60
3.30
V
V
Output Pulse Width
224
244
264
ns
Output Pulse Amplitude Ratio
0.9
1.0
1.1
Jitter Added by the Transmitter Output
-
0.025
0.050
UIpp
Output Return Loss:
51kHz -102kHz
102kHz-2048kHz
2048kHz-3072kHz
-
-
-
20
25
20
-
-
-
dB
dB
dB
TABLE 3: 3.3V POWER CONSUMPTION INCLUDING LINE POWER DISSIPATION, TRANSMISSION AND RECEIVE PATHS
ALL
ACTIVE
TA = -40° to 85°C, VDD = 3.3V± 5% Unless otherwise specified
SYMBO
L
PARAMETER
MIN.
TYP.
MAX
UNIT
CONDITIONS
PC
Power Consumption
-
100
140
mW
75
Ω load, operating at 50% Mark Density
PC
Power Consumption
-
92
130
mW
120
Ω load, operating at 50% Mark Density
PC
Power Consumption
-
150
190
mW
75
Ω load, operating at 100% Mark Density


Similar Part No. - XRT82D20_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82D20IW EXAR-XRT82D20IW Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
More results

Similar Description - XRT82D20_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com