Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT82D20 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT82D20
Description  SINGLE CHANNEL E1 LINE INTERFACE UNIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT82D20 Datasheet(HTML) 4 Page - Exar Corporation

  XRT82D20 Datasheet HTML 1Page - Exar Corporation XRT82D20 Datasheet HTML 2Page - Exar Corporation XRT82D20 Datasheet HTML 3Page - Exar Corporation XRT82D20 Datasheet HTML 4Page - Exar Corporation XRT82D20 Datasheet HTML 5Page - Exar Corporation XRT82D20 Datasheet HTML 6Page - Exar Corporation XRT82D20 Datasheet HTML 7Page - Exar Corporation XRT82D20 Datasheet HTML 8Page - Exar Corporation XRT82D20 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
XRT82D20
3
SINGLE CHANNEL E1 LINE INTERFACE UNIT
REV. 1.0.8
PIN DESCRIPTIONS
PIN #
SYMBOL
TYPE
DESCRIPTION
1
RLOS
O
Receiver Loss of Signal: This pin toggles Low to indicate the loss of signal at the
receive inputs.
2
ClkLOS
O
Receiver Loss of Clock: With MuteRx=1, this pin will toggle low to indicate a loss
of clock has occurred when the receive signal is lost (RLOS=0). When RLOS=0, no
transitions occur on RClk, RPOS/RData and RNEG outputs.
3
TNEG/
CODE
I
Transmitter Negative Data Input/Coding Select: With Jitter Attenuator enabled
(pin 18=1), input activity on this pin determines whether the device is configured to
operate in single-rail or dual-rail mode. With n-rail transmit data applied to this pin,
the device is automatically configured to operate in dual-rail mode for both transmit
input and receive output.
If this pin is tied high for more than 16 clock cycles, the device is configured to oper-
ate in single-rail mode with HDB3 encoding and decoding functions enabled.
If this pin is tied low for more than 16 clock cycles, the device is configured to oper-
ate in single-rail mode with AMI encoding and decoding functions enabled. (internal
pull-down).
4
RNEG/LCV
O
Receive Negative Data/Line Code Violation Output:
If the device is configured in Dual-rail mode with n-rail data applied to pin 3, then the
receive negative data will be output through this pin.
If the device is configured in Single-rail mode and operate with HDB3 coding
enabled, HDB3 code violation will be detected and cause this pin to go high.
If the device is configured in Single-rail mode and with AMI coding selected, every
bipolar violation will be reported at this pin.
5
RClk
O
Receive Clock:
Output receive clock signal to the terminal equipment.
6
RPOS/
RData
O
Receive Positive/ Data Output:
In Dual-rail mode, this signal is the p-rail receive output data. In Single-rail mode,
this signal is the receive output data.
7
TClk
I
Transmitter Clock Input:
Input clock signal (2.048 MHz ± 50ppm)
8
TPOS/
TData
I
Transmit Positive / Data Input:
In Dual-rail mode, this signal is the p-rail transmit input data. In Single-rail mode,
this signal is the transmit input data.
9
LLoop
I
Local Loop back enable (active low):
Tie this pin low to enable analog Local Loop-back.In local loop-back mode, transmit
output data is looped back to the input of the receiver.Input signal at RTIP and
RRing are ignored. Local Loop-back has priority over Remote and Digital Loop-
back mode. See
“Section 2.2, The Remote Loop Back Mode” on page 24
for more details. (internal pull-up).
10
RLoop
I
Remote Loop Back Enable (active low):
Connect this pin to ground to enable Remote Loop-back. In Remote Loop-back
mode, transmit data at TPOS/TData and TNEG are ignored. See
“Section 2.2,
The Remote Loop Back Mode” on page 24 for more details. (internal pull-
up).


Similar Part No. - XRT82D20

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20IW EXAR-XRT82D20IW Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
More results

Similar Description - XRT82D20

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com