Electronic Components Datasheet Search |
|
XRT82D20IW Datasheet(PDF) 10 Page - Exar Corporation |
|
XRT82D20IW Datasheet(HTML) 10 Page - Exar Corporation |
10 / 24 page XRT82D20 9 SINGLE CHANNEL E1 LINE INTERFACE UNIT REV. 1.0.8 NOTE: All Digital output pins except pin 1 and pin 2, which typically source 20µA at VOH and sink -4mA at VOL TABLE 6: DC ELECTRICAL CHARACTERISTICS Ta = 25°C, Vdd=3.3V ± 5% or 5V ± 5% unless otherwise specified PARAMETER SYMBOL MIN TYP MAX UNIT Input High Voltage VIH 2.0 3.3 or 5.0 5.5 V Input Low Voltage VIL 0.5 0 0.8 V Output High Voltage @IOH=5mA (See Note) VDD=3.3V VDD=5.0v VOH 2.4 2.4 - VDD VDD V Output Low Voltage @ IOL=5mA (See Note) VDD=3.3V VDD=5.0v VOL 0 0 - 0.4 0.4 V Input Leakage Current (except input pins with pull-up resistors) IL - 0 10 uA Input Capacitance CI - 5 20 pF Output Load Capacitance CO - - 20 pF ABSOLUTE MAXIMUM RATINGS Storage Temperature -65 to 150°C Operating Temperature -40 to 85°C Supply Voltage -0.5V to +5.5V |
Similar Part No. - XRT82D20IW |
|
Similar Description - XRT82D20IW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |