Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT82D20IW Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT82D20IW
Description  SINGLE CHANNEL E1 LINE INTERFACE UNIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT82D20IW Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT82D20IW Datasheet HTML 5Page - Exar Corporation XRT82D20IW Datasheet HTML 6Page - Exar Corporation XRT82D20IW Datasheet HTML 7Page - Exar Corporation XRT82D20IW Datasheet HTML 8Page - Exar Corporation XRT82D20IW Datasheet HTML 9Page - Exar Corporation XRT82D20IW Datasheet HTML 10Page - Exar Corporation XRT82D20IW Datasheet HTML 11Page - Exar Corporation XRT82D20IW Datasheet HTML 12Page - Exar Corporation XRT82D20IW Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
XRT82D20
8
REV. 1.0.8
SINGLE CHANNEL E1 LINE INTERFACE UNIT
PC
Power Consumption
-
125
160
mW
120
Ω load, operating at 100% Mark Den-
sity
TABLE 4: 5V POWER CONSUMPTION INCLUDING LINE POWER DISSIPATION, TRANSMISSION AND RECEIVE PATHS ALL
ACTIVE
(TA = -40° to 85°C, VDD = 5V ± 5% Unless otherwise specified)
SYMBO
L
PARAMETER
MIN.
TYP.
MAX
UNIT
CONDITIONS
PC
Power Consumption
-
160
210
mW
75
Ω load, operating at 50% Mark Density
PC
Power Consumption
-
145
195
mW
120
Ω load, operating at 50% Mark Density
PC
Power Consumption
-
200
260
mW
75
Ω load, operating at 100% Mark Density
PC
Power Consumption
-
180
240
mW
120
Ω load, operating at 100% Mark Den-
sity
TABLE 5: AC ELECTRICAL CHARACTERISTICS
TA = -40 to +85 °C, VDD = 3.3V± 5% or 5V ± 5% Unless otherwise specified
PARAMETER
SYMBOL
MIN.
TYP
MAX
UNITS
Clock Frequency
MClk
-50 ppm
2.048
+50ppm
MHz
Clock Duty Cycle
MClk
40
50
60
%
Clock Period
TClk
-
244
-
ns
TClk Duty Cycle
TCDU
30
50
70
%
Transmit Data Setup Time
tTSU
40
-
-
ns
Transmit Data Hold Time
tTHO
40
-
-
ns
TClk Rise Time (10% /90%)
tr
-
-
40
ns
TClk Fall Time (90% / 10%)
tf
-
-
40
ns
RClk Duty Cycle
RCDU
45
50
55
%
Receive Data Setup Time
tRSU
150
244
-
ns
Receive Data Hold Time
tRHO
150
244
-
ns
RClk to Data Delay
tRCD
-
-
40
ns
RClk Rise Time (10%/90%)
tr
-
-
40
ns
RClk Fall Time (90%/10%)
tf
-
-
40
ns
TABLE 3: 3.3V POWER CONSUMPTION INCLUDING LINE POWER DISSIPATION, TRANSMISSION AND RECEIVE PATHS
ALL
ACTIVE
TA = -40° to 85°C, VDD = 3.3V± 5% Unless otherwise specified
SYMBO
L
PARAMETER
MIN.TYP.MAX
UNIT
CONDITIONS


Similar Part No. - XRT82D20IW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82D20IW EXAR-XRT82D20IW Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
More results

Similar Description - XRT82D20IW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com