Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7742 Datasheet(PDF) 6 Page - EPCOS

Part # B7742
Description  SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7742 Datasheet(HTML) 6 Page - EPCOS

Back Button B7742 Datasheet HTML 2Page - EPCOS B7742 Datasheet HTML 3Page - EPCOS B7742 Datasheet HTML 4Page - EPCOS B7742 Datasheet HTML 5Page - EPCOS B7742 Datasheet HTML 6Page - EPCOS B7742 Datasheet HTML 7Page - EPCOS B7742 Datasheet HTML 8Page - EPCOS B7742 Datasheet HTML 9Page - EPCOS B7742 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
May 24, 2006
B7742
1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW GPS Extractor Filter
Data Sheet
Characteristics
Bluetooth (2441.75 MHz) + GPS (1575.42 MHz)
Temperature range for specification:
T
= -30 ˚C to +85 ˚
Terminating input antenna impedance:
ZANT =50 Ω || 10 nH
Terminating GPS impedance:
ZGPS =50 Ω
Terminating non GPS impedance:
ZnGPS =50 Ω || 2.2 nH
B7742
min.
typ.1)
@ 25 ˚C
1) PCB loss de-embedded
max.1)
Nominal frequency 1 (GPS)
fN1
1575.42
MHz
Nominal frequency 5 (Bluetooth)
fN5
2441.75
MHz
Maximum insertion attenuation
α
max
Antenna-GPS
1574.42
... 1576.42 MHz
1.1
1.62)
2) 1.4 dB max. at 25 ˚C
dB
Antenna-Bluetooth
2400.0
... 2483.5 MHz
0.7
1.0
dB
Attenuation
α
Antenna-GPS
824.0
...
894.0 MHz
34
38
dB
Antenna-GPS
1750.0
... 1990.0 MHz
34
39
dB
Antenna-GPS
2400.0
... 2483.5 MHz
36
40
dB
VSWR (Antenna)
Bluetooth band
2400.0
... 2483.5 MHz
1.2
1.6
GPS band
1574.42
... 1576.42 MHz
1.4
1.8
VSWR (GPS)
GPS band
1574.42
... 1576.42 MHz
1.4
1.8
VSWR (Non-GPS)
Bluetooth band
2400.0
... 2483.5 MHz
1.2
1.5
Isolation between Non GPS and GPS path
α
Bluetooth band
2400.0
... 2483.5 MHz
36
40
dB
GPS
ANT
PCS
Bluetooth


Similar Part No. - B7742

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7742 EPCOS-B7742 Datasheet
118Kb / 9P
   SAW GPS Extractor Filter GPS Extractor
B7742 EPCOS-B7742_1 Datasheet
118Kb / 9P
   SAW GPS Extractor Filter GPS Extractor
More results

Similar Description - B7742

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7742 EPCOS-B7742_1 Datasheet
118Kb / 9P
   SAW GPS Extractor Filter GPS Extractor
logo
TAI-SAW TECHNOLOGY CO.,...
TA0406D TAI-SAW-TA0406D Datasheet
464Kb / 7P
   SAW Filter 1575.42 MHz for GPS
TA0224A TAI-SAW-TA0224A Datasheet
445Kb / 6P
   SAW Filter 1575.42 MHz for GPS
TA0285A TAI-SAW-TA0285A Datasheet
622Kb / 8P
   SAW Filter 1575.42 MHz for GPS
TA0213A TAI-SAW-TA0213A Datasheet
448Kb / 6P
   SAW Filter 1575.42 MHz for GPS
TA0406B TAI-SAW-TA0406B Datasheet
418Kb / 7P
   SAW Filter 1575.42 MHz for GPS
logo
List of Unclassifed Man...
FF1575M42-KP72 ETC-FF1575M42-KP72 Datasheet
40Kb / 4P
   1575.42 MHz SAW Filter for GPS
logo
TAI-SAW TECHNOLOGY CO.,...
TA0406C TAI-SAW-TA0406C Datasheet
313Kb / 7P
   SAW Filter 1575.42 MHz for GPS
logo
TriQuint Semiconductor
856166 TRIQUINT-856166 Datasheet
434Kb / 5P
   2441.75 MHz SAW Filter
logo
EPCOS
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
   SAW filter 2441.75 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com