Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7744 Datasheet(PDF) 5 Page - EPCOS

Part # B7744
Description  SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7744 Datasheet(HTML) 5 Page - EPCOS

  B7744 Datasheet HTML 1Page - EPCOS B7744 Datasheet HTML 2Page - EPCOS B7744 Datasheet HTML 3Page - EPCOS B7744 Datasheet HTML 4Page - EPCOS B7744 Datasheet HTML 5Page - EPCOS B7744 Datasheet HTML 6Page - EPCOS B7744 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Aug 07, 2003
SAW Components
B7744
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= -30 to +85˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
1842,5
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
2,4
3,2
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
0,9
1,9
dB
Input VSWR
1805,0
... 1880,0
MHz
1,9
2,2
Output VSWR
1805,0
... 1880,0
MHz
1,9
2,2
Attenuation
α
0,0
... 1480,0
MHz
35
37
dB
1480,0
... 1705,0
MHz
28
32
dB
1705,0
... 1785,0
MHz
10
15
dB
1920,0
... 1980,0
MHz
15
21
dB
1980,0
... 2400,0
MHz
22
24
dB
2400,0
... 2500,0
MHz
30
37
dB
2500,0
... 3610,0
MHz
25
36
dB
3610,0
... 3760,0
MHz
35
40
dB
3760,0
... 6000,0
MHz
25
34
dB


Similar Part No. - B7744

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
B774 PANASONIC-B774 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
logo
EPCOS
B7740 EPCOS-B7740 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7741 EPCOS-B7741 Datasheet
79Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7742 EPCOS-B7742 Datasheet
217Kb / 16P
   SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
B7742 EPCOS-B7742 Datasheet
118Kb / 9P
   SAW GPS Extractor Filter GPS Extractor
More results

Similar Description - B7744

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9013 EPCOS-B9013 Datasheet
87Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B7749 EPCOS-B7749 Datasheet
60Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B4152 EPCOS-B4152 Datasheet
69Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B4167 EPCOS-B4167 Datasheet
66Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B9021 EPCOS-B9021 Datasheet
60Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4235 EPCOS-B4235 Datasheet
177Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5/1842,5 MHz
B4221 EPCOS-B4221 Datasheet
104Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9307 EPCOS-B9307 Datasheet
91Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com