Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83VSH316 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT83VSH316
Description  16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH316 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT83VSH316 Datasheet HTML 6Page - Exar Corporation XRT83VSH316 Datasheet HTML 7Page - Exar Corporation XRT83VSH316 Datasheet HTML 8Page - Exar Corporation XRT83VSH316 Datasheet HTML 9Page - Exar Corporation XRT83VSH316 Datasheet HTML 10Page - Exar Corporation XRT83VSH316 Datasheet HTML 11Page - Exar Corporation XRT83VSH316 Datasheet HTML 12Page - Exar Corporation XRT83VSH316 Datasheet HTML 13Page - Exar Corporation XRT83VSH316 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
XRT83VSH316
PRELIMINARY
8
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.3
RCLK_IO
C5
I/O
Recovered Clock Input/Output:
This bi-directional clock can be used in two different modes:
1. As an input, the LIU will use this clock as its internal clock timing synchroni-
zation of the 19.44Mhz clock reference.
2. As an output, it is one of 16 recoverd line clocks selected by the Recoved
Clock Select [4:0] bits and output through this pin.
See table below.
RCLK_T1_E1B
V18
I/O
Recovered Clock Frequency Select
This bi-directional clock can be used in two different modes along with the
RCLK_IO pin.
1. As an input (RCLK_IO must be an input), it selects the frequency of the
RCLK_IO input. "Low" = E1, "High" = T1.
2. As an output (RCLK_IO must be an output), it indicates the frequency of
RCLK_IO, "Low" = E1, "High" = T1.
NOTE: The RCLKSEL[4:0] bits determine whether this pin is an input or output.
RECEIVER SECTION
NAME
PIN
TYPE
DESCRIPTION
Recovered Clock
Select [4:0]
Selected RCLK
10000
10001
10010
10011
10100
10101
10110
10111
11000
11001
11010
11011
11100
11101
RCLK0
RCLK1
RCLK2
RCLK3
RCLK4
RCLK5
RCLK6
RCLK7
RCLK8
RCLK9
RCLK10
RCLK11
RCLK12
RCLK13
11110
11111
RCLK15
RCLK14
0XXXX
Input


Similar Part No. - XRT83VSH316

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316IB EXAR-XRT83VSH316IB Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316IB-F EXAR-XRT83VSH316IB-F Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316IBF EXAR-XRT83VSH316IBF Datasheet
169Kb / 2P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRT83VSH316

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20416 IDT-IDT82P20416 Datasheet
1Mb / 121P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Exar Corporation
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com