Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86SH221 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT86SH221
Description  SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
Download  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86SH221 Datasheet(HTML) 3 Page - Exar Corporation

  XRT86SH221 Datasheet HTML 1Page - Exar Corporation XRT86SH221 Datasheet HTML 2Page - Exar Corporation XRT86SH221 Datasheet HTML 3Page - Exar Corporation XRT86SH221 Datasheet HTML 4Page - Exar Corporation XRT86SH221 Datasheet HTML 5Page - Exar Corporation XRT86SH221 Datasheet HTML 6Page - Exar Corporation XRT86SH221 Datasheet HTML 7Page - Exar Corporation XRT86SH221 Datasheet HTML 8Page - Exar Corporation XRT86SH221 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 353 page
background image
PRELIMINARY
XRT86SH221
3
REV. P1.0.5
SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
SDH Transmitter
Performs standard STM-0/STM-1 transmit processing.
Conforms to ITU-T I.432, ANSI T1.105, and Bellcore-253
Provides a 51.84MHz STM-0 serial interface or 6MHz / 19MHz 8-bit STM-0 / STM-1 parallel interface.
Performs SDH frame insertion and accepts external frame synchronization.
Performs optional transmit data scrambling.
Performs POH, SDH OH generation/insertion.
Generates transmit payload pointer (H1, H2) (fixed at 522) with NDF insertion.
Inserts A1/A2 with optional error mask.
Computes and inserts BIP-8 (B1, B2) with optional error mask.
Generates AIS-L, REI-L and RDI-L according to receiver state with option of SW or HW insertion.
Inserts LOS, forces SEF by software.
Generates RDI-P and REI-P automatically with optional SW or HW override.
Inserts fixed-stuff columns, calculates and inserts B3 error code.
SDH Receiver
Performs standard STM-0/STM-1 receive processing.
Conforms to ITU-T I.432, ANSI T1.105, and Bellcore-253.
Provides fully programmable threshold detection for SD and SF conditions.
Provides a 51.84MHz STM-0 serial interface or 6MHz / 19MHz 8-bit STM-0 / STM-1 parallel interface.
Provides section trace buffer with mismatch detection and invalid message detection.
Performs SDH frame synchronization.
Supports NDF, positive stuff and negative stuff for pointer processor.
Performs receive data de-scrambling.
Performs POH, SDH OH interpretation/extraction.
Interprets payload pointer (H1, H2).
Detects Out Of Frame (OOF), Loss Of Frame (LOF), Loss Of Signal (LOS), APS failure.
Detects Line Alarm Indication(L-AIS), Line remote Defect Indication (L-RDI), Loss Of Pointer.
Detects Path Alarm Indication, Path remote Defect Indication, Path extended RDI.
Provides signal label monitor with PLM detection.
Supports path trace buffer with TIM-P and invalid message detection.
Computes and compares B3, REI-L and REI-P errors.
Computes and compares BIP-8 (B1, B2) and counts the errors.


Similar Part No. - XRT86SH221

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH221 EXAR-XRT86SH221 Datasheet
2Mb / 357P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
XRT86SH221IB EXAR-XRT86SH221IB Datasheet
2Mb / 357P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
XRT86SH221 EXAR-XRT86SH221_08 Datasheet
2Mb / 357P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
More results

Similar Description - XRT86SH221

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86SH221 EXAR-XRT86SH221_08 Datasheet
2Mb / 357P
   SDH-TO-PDH FRAMER/MAPPER WITH INTEGRATED 21-CHANNEL E1 SH LIU
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 96P
   INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
XRT86SH328 EXAR-XRT86SH328_07 Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
logo
List of Unclassifed Man...
CP1181 ETC-CP1181 Datasheet
148Kb / 3P
   21 Channel E1/T1 Mapper
Rev1.0 March, 2005
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_2 Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
   TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_1 Datasheet
546Kb / 129P
   VOYAGER - E1 FRAMER LIU REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
   TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
Exar Corporation
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com