Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7747 Datasheet(PDF) 4 Page - EPCOS

Part # B7747
Description  SAW Components Low-Loss Filter for Mobile Communication 1880,0 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7747 Datasheet(HTML) 4 Page - EPCOS

  B7747 Datasheet HTML 1Page - EPCOS B7747 Datasheet HTML 2Page - EPCOS B7747 Datasheet HTML 3Page - EPCOS B7747 Datasheet HTML 4Page - EPCOS B7747 Datasheet HTML 5Page - EPCOS B7747 Datasheet HTML 6Page - EPCOS B7747 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
May 24, 2002
SAW Components
B7747
1880,0 MHz
Low-Loss Filter for Mobile Communication
Preliminary Data Sheet
Characteristics
Operating Temperature Range:
T
= -30 to +85˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
1880,0
MHz
Maximum insertion attenuation
α
max
1850,0
... 1910,0
MHz
2,9
4,7
dB
Amplitude ripple (p-p)
∆α
1850,0
... 1910,0
MHz
1,5
3,4
dB
Input VSWR
1850,0
... 1910,0
MHz
1,8
2,1
Output VSWR
1850,0
... 1910,0
MHz
1,8
2,1
Attenuation
α
0,0
... 1720,0
MHz
25,0
28,0
dB
1930,0
... 1935,0
MHz
18,0
25,0
dB
1935,0
... 1990,0
MHz
26,0
29,0
dB
2032,0
... 2092,0
MHz
34,0
36,0
dB
2150,0
... 2340,0
MHz
34,0
36,0
dB
2340,0
... 5000,0
MHz
20,0
26,0
dB


Similar Part No. - B7747

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
B774 PANASONIC-B774 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
logo
EPCOS
B7740 EPCOS-B7740 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7741 EPCOS-B7741 Datasheet
79Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7742 EPCOS-B7742 Datasheet
217Kb / 16P
   SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
B7742 EPCOS-B7742 Datasheet
118Kb / 9P
   SAW GPS Extractor Filter GPS Extractor
More results

Similar Description - B7747

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7759 EPCOS-B7759 Datasheet
80Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1880,0 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com