Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L306 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT91L306
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L306 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT91L306 Datasheet HTML 7Page - Exar Corporation XRT91L306 Datasheet HTML 8Page - Exar Corporation XRT91L306 Datasheet HTML 9Page - Exar Corporation XRT91L306 Datasheet HTML 10Page - Exar Corporation XRT91L306 Datasheet HTML 11Page - Exar Corporation XRT91L306 Datasheet HTML 12Page - Exar Corporation XRT91L306 Datasheet HTML 13Page - Exar Corporation XRT91L306 Datasheet HTML 14Page - Exar Corporation XRT91L306 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
xr
XRT91L30
REV. 1.0.1
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
9
RECEIVER SECTION
NAME
LEVEL
TYPE
PIN
DESCRIPTION
RXDO0
RXDO1
RXDO2
RXDO3
RXDO4
RXDO5
RXDO6
RXDO7
LVTTL,
LVCMOS
O
19
20
22
23
24
25
26
27
Receive Parallel Data Output
77.76 Mbps (STS-12/STM-4) / 19.44 Mbps (STS-3/STM-1)
8-bit parallel receive data output is updated simultaneously on
the falling edge of the RXPCLKO output. The 8-bit parallel
interface is de-multiplexed from the receive serial data input
MSB first (RXDO[7]). The XRT91L30 will output the data on
the falling edge of RXPCLKO clock.
RXIP
RXIN
Diff LVPECL
I
13
14
Receive Serial Data Input
The differential receive serial data stream of 622.08 Mbps
STS-12/STM-1 or 155.52 Mbps STS-3/STM-1 is applied to
these input pins.
XRXCLKIP
XRXCLKIN
Diff LVPECL
I
8
9
External Recovered Receive Clock Input
The differential receive serial data stream of 622.08 Mbps
STS-12/STM-1 or 155.52 Mbps STS-3/STM-1 is sampled on
the rising edge of this externally recovered differential clock
coming from the optical module. It is used when the internal
CDR unit is disabled and bypassed by the CDRDIS pin.
NOTE: In the event that XRXCLKIP/N differential input pins are
unused, XRXCLKIP should be tied to VCC with a 1k
Ohm pull-up and XRXCLKIN should be tied to Ground
with a 1k Ohm pull-down.
RXPCLKO
LVTTL,
LVCMOS
O
29
Receive Parallel Clock Output (77.76 MHz or 19.44 MHz)
77.76 MHz (STS-12/STM-4) or 19.44 MHz (STS-3/STM-1)
clock output reference for the 8-bit parallel receive data output
RXDO[7:0]. The parallel received data output bus will be
updated on the falling edge of this clock.
CDRAUX-
REFCLK
LVTTL,
LVCMOS
I
32
Clock and Data Recovery Auxillary Reference Clock
77.76 MHz ± 500 ppm auxillary reference clock for the CDR.
NOTE: In the event that CDRAUXREFCLK LVTTL input pin is
unused, CDRAUXREFCLK should be tied to ground.
OOF
LVTTL,
LVCMOS
I
11
Out of Frame Input Indicator
This level sensitive input pin is used to initiate frame detection
and byte alignment recovery when OOF is declared by the
downstream device. When this pin is held High, FRAME-
PULSE will pulse for a single RXPCLKO period upon the detec-
tion of every third frame alignment A2 byte in the incoming
SONET/SDH Frame.
"Low" = Normal Operation
"High" = OOF Indication initiating frame detection and byte
boundary recovery and activating FRAMEPULSE
FRAMEPULSE
LVTTL,
LVCMOS
O
30
Sonet Frame Alignment Pulse
This pin will generate a single pulse for an RXPCLKO clock
period upon the detection of the third frame alignment A2 byte
whenever the OOF input pin is held High. The parallel received
data output bus will then be byte aligned to this newly recov-
ered SONET/SDH frame.


Similar Part No. - XRT91L306

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30IQ EXAR-XRT91L30IQ Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30IQ-F EXAR-XRT91L30IQ-F Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
XRT91L30 EXAR-XRT91L30_10 Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
More results

Similar Description - XRT91L306

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L32 EXAR-XRT91L32 Datasheet
650Kb / 37P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
   OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
logo
Exar Corporation
XRT91L34 EXAR-XRT91L34 Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com