Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM5510N4.0ST34R Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM5510N4.0ST34R
Description  STANDARD VOLTAGE DETECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM5510N4.0ST34R Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM5510N4.0ST34R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM5510N4.0ST34R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM5510N4.0ST34R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM5510N4.0ST34R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM5510N4.0ST34R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM5510N4.0ST34R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM5510N4.0ST34R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM5510N4.0ST34R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM5510N4.0ST34R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VIN
VOUT
VSS
Vref
+
-
VIN
VOUT
VSS
Vref
+
-
(1) CMOS Output
(2) Nch Open Drain Output
BLOCK DIAGRAM
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT CIRCUIT
SYMBOL
Detect Voltage
Hysteresis Range
Supply Current
Operating Voltage
Output Current
Temperature
Characteristics
Delay Time
(V
"V
inversion)
DR
OUT
VDF
VHYS
ISS
VIN
IOUT
tDLY
V
= 1.5V
IN
V
= 2.0V
IN
V
= 3.0V
IN
V
= 4.0V
IN
V
= 5.0V
IN
V
(T) = 1.6V to 6.0V
DF
Nch
V
= 0.5V
DS
V
= 1.0V
IN
V
= 2.0V
IN
V
= 3.0V
IN
V
= 4.0V
IN
V
= 5.0V
IN
Pch
V
= 2.1V
DS
V
= 8.0V
IN
(with CMOS output)
-40°C
Topr
85°C
V
X 0.98
DF
V
X 0.02
DF
0.7
1.0
3.0
5.0
6.0
7.0
VDF
V
X 0.05
DF
0.7
0.8
0.9
1.0
1.1
2.2
7.7
10.1
11.5
13.0
-10.0
± 100
V
X 1.02
DF
V
X 0.08
DF
2.3
2.7
3.0
3.2
3.6
10.0
-2.0
0.2
V
1
µA
2
ppm/ °C
-
mA
3
mS
5
DVDF
DTopr -VDF
V
1
V
1
Note:
V
(T): Established Detect Voltage Value
DF
Release Voltage: V
=
V
DR
HYS
V
+
DF
ELECTRICAL CHARACTERISTICS [V
(T) = 1.6 to 6.0V ± 2%]
DF
2
4
4
T = 25°C
A


Similar Part No. - GM5510N4.0ST34R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510N-1.8ST23R GAMMA-GM5510N-1.8ST23R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510N-1.8ST23RG GAMMA-GM5510N-1.8ST23RG Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510N-1.8ST89R GAMMA-GM5510N-1.8ST89R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510N-1.8ST89RG GAMMA-GM5510N-1.8ST89RG Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510N-2.0ST23R GAMMA-GM5510N-2.0ST23R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
More results

Similar Description - GM5510N4.0ST34R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Gamma Microelectronics ...
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com