Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L30IQ Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT91L30IQ
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L30IQ Datasheet(HTML) 3 Page - Exar Corporation

  XRT91L30IQ Datasheet HTML 1Page - Exar Corporation XRT91L30IQ Datasheet HTML 2Page - Exar Corporation XRT91L30IQ Datasheet HTML 3Page - Exar Corporation XRT91L30IQ Datasheet HTML 4Page - Exar Corporation XRT91L30IQ Datasheet HTML 5Page - Exar Corporation XRT91L30IQ Datasheet HTML 6Page - Exar Corporation XRT91L30IQ Datasheet HTML 7Page - Exar Corporation XRT91L30IQ Datasheet HTML 8Page - Exar Corporation XRT91L30IQ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
xr
XRT91L30
REV. 1.0.1
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
3
FIGURE 2. 64 QFP PIN OUT OF THE XRT91L30 (TOP VIEW)
XRT91L30
AGND
FL_2
STS1_2
DJA_2/CS
MCLK_2
GND
RCLK_2
VDD
RNEG_2
RPOS_2
GND
DJA_0/SCLK
DS3/E3_0
STS1_0
FL0
AGND
AGND
FL1
STS1_1
MCLK_1
GND
RCLK_1
RPOS_1
RNEG_1
VDD
RNEG_0
RPOS_0
RCLK_0
GND
MCLK_0
DJA_1/SDI
AGND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
XRT91L30
CDRAUXREFCLK
VDD3.3
FRAMEPULSE
RXPCLKO
GND
RXDO7
RXDO6
RXDO5
RXDO4
RXDO3
RXDO2
GND
RXDO1
RXDO0
VDD3.3
REFCLKN
TXPCLK_IO
TXDI7
TXDI6
GND
TXDI5
TXDI4
TXDI3
TXDI2
TXDI1
TXDI0
STS12/STS3
CDRREFSEL
VDD3.3
DLOOP
RLOOPS
ALOOP
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT91L30IQ
64 Pin Lead QFP
-40°C to +85°C


Similar Part No. - XRT91L30IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L30IQ EXAR-XRT91L30IQ Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30IQ-F EXAR-XRT91L30IQ-F Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
More results

Similar Description - XRT91L30IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L32 EXAR-XRT91L32 Datasheet
650Kb / 37P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
   OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
logo
Exar Corporation
XRT91L34 EXAR-XRT91L34 Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com